PART |
Description |
Maker |
BD8876FV BD8876FV-E2 |
Output Coupling Capacitor-less Line Amplifier
|
ROHM
|
AK4252VU AKD4250_52 AKD4250/52 AK4252 |
Output Coupling Capacitor-less Video Amp with LPF
|
Asahi Kasei Microsystems
|
NJM2559 |
Output Coupling Capacitor-less Video Amplifier with Power Supply
|
New Japan Radio
|
45SC30BD 90SC15B 70SC20BA 45SC20BB 45SC7.5BG |
four-pole crystal filter with a built-in coupling capacitor
|
http:// NIHON DEMPA KOGYO
|
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
ASM2I9942PG-32-LT ASM2I9942P ASM2I9942P-32-ER ASM2 |
Low Voltage 1:18 Clock Distribution Chip 低压1:18时钟分配芯片 CAP 6000UF 250V ELECT SCREW TERM 9942 SERIES, LOW SKEW CLOCK DRIVER, 18 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP32 Low Voltage 1:18 Clock Distribution Chip 9942 SERIES, LOW SKEW CLOCK DRIVER, 18 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP32 Film Capacitor; Capacitor Type:Suppression; Voltage Rating:200VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.5uF; Capacitance Tolerance: /- 20%; Lead Pitch:20.8mm; Package/Case:Radial; Series:Q/QRL
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20 |
20 Watt 2 inch x 2 inch Single & Dual Output 20英寸× 2英寸 20 Watt 2 inch x 2 inch Single & Dual Output 202英寸× 2英寸 CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes 20 WATT 2 INCH X 2 INCH SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
CMR05C2R5DODP CMR04C2R5DODP CMR04F271GPCR CMR05C12 |
CAPACITOR, MICA, 500 V, 0.0000025 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 300 V, 0.00027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00016 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00013 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0002 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00018 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000062 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.002 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00039 uF, THROUGH HOLE MOUNT RADIAL LEADED CAP,Mica,6pF,500VDC,.5-pF Tol,.5 Tol,-200,200ppm-TC CAPACITOR, MICA, 500 V, 0.000006 uF, THROUGH HOLE MOUNT
|
Cornell Dubilier Electronics, Inc.
|
BH76906GU09 |
Ultra-compact Waferlevel Chip Size Packeage Output Capacitor-less Single Output Video Drivers
|
Rohm
|
B37873K5473M60 B37873K5474M62 B37932K5223M60 B3793 |
CAPACITOR 47 NF 50V CAPACITOR 470 NF 50V CAPACITOR 22 NF 50V KONDENSATOR 100NF 50V CAPACITOR 220 NF 50V CAPACITOR 1 UF 50V 电容超滤50V CAPACITOR 1 PF 50V 电容公积0V
|
Motorola Mobility Holdings, Inc. EPCOS AG
|
PLCD100-040BSPT PLCD160-04 PLCD170-04 PLCD100-060B |
"COUPLING 1/4"" "HOSE BARB 1/4"" "COUPLING 3/8"" "HOSE BARB 3/8"" “软管倒钩3 / 8”“ 锛?OSE BARB 1/4锛??锛?/span>
|
Bourns, Inc.
|
|