PART |
Description |
Maker |
MN101CF54C MN101CF54A |
Lower limit
|
Panasonic Semiconductor
|
WS57C49C-1 WS57C49C-35 WS57C49C-35CMB WS57C49C-35D |
8K X 8 UVPROM, 55 ns, CQCC28 CURRENT LIMITR INRSH 5.0 OHM 20% 高K的军事8的CMOS胎膜早破/ RPROM MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM 高K的军事8的CMOS胎膜早破/ RPROM THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:7R; Tolerance, resistance: /-20%; Beta value:3060; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Temp, op. RoHS Compliant: Yes THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:33R; Tolerance, resistance:20%; Beta value:3300; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Case RoHS Compliant: Yes
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
KWDCTAAD KWDCTAAB KWDCTAAM KWDCTAAG KWDCTAAQ KWDCT |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 11.84mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 8mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 23.34mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.48mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 9.93mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.83mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.46mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.03mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 9.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.42mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.46mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 23.34mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 9.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.46mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 4.83mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 5.03mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
E75-20A E75-42A E69-21A E69-31A E69-41A E69-51A E6 |
SNAP ACTING/LIMIT SWITCH, DPDT, LATCHED, 0.1A, 11.43mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 0.1A, 7.63mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, LATCHED, 11.43mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.72mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 7.63mm, PANEL MOUNT SWITCH SNAP MOM SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 7.63mm, PANEL MOUNT
|
THE CHERRY CORP
|
NID5003NT4 NID5003N |
Self-Protected FET with Temperature and Current Limit 42 V, 20 A, Single N-Channel, DPAK Self-Protected FET with Temperature and Current Limit(带温度和电流限制的自保护FET) 42 V, 20 A, Single N−Channel, DPAK 20 A, 42 V, 0.058 ohm, N-CHANNEL, Si, POWER, MOSFET Self-Protected FET with Temperature and Current Limit(甯?俯搴???垫???????淇??FET)
|
ONSEMI[ON Semiconductor]
|
PAM8008 PAM8008DR |
3W STEREO CLASS-D with DC VOLUME, POWER LIMIT and ANTI-SATURATION 3W STEREO FILTERLESS CLASS-D AUDIO AMPLIFIER WITH DC VOLUME CONTROL AND POWER LIMIT
|
Diodes Incorporated
|
AM51646C6R3N AM51646C5L3N AM51646C7L3N AM50040C5R3 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 16A, 125VDC, 4.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 2.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 2.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6A, 125VDC, 9.7mm, PANEL MOUNT
|
Harwin PLC Littelfuse, Inc.
|
AP9938GEY-HF-16 |
Lower on-resistance
|
Advanced Power Electron...
|
TMCFD6ST2560W TMCGH3ST2560C TMCFD6ST2560C ST2060Y |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 10.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 10.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.5A, 125VDC, 10.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 5.71mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.5A, 125VDC, 8.38mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 8.38mm, PANEL MOUNT
|
ITT CANNON
|
2673000201 |
Lower Frequencies < 50 MHz
|
Fair-Rite Products Corp.
|
2673000701 |
Lower Frequencies < 50 MHz
|
Fair-Rite Products Corp.
|
|