PART |
Description |
Maker |
MK4096P-6 MK4096N-6 MK4096N-11 MK4096N-16 MK4096P- |
4096x1-bit dynamic RAM, 250ns acces time, 375ns cycle time, max. power 450mW. 4096x1-bit dynamic RAM, 350ns acces time, 500ns cycle time, max. power 320mW. 4096x1-bit dynamic RAM, 300ns acces time, 425ns cycle time, max. power 385mW.
|
Mostek
|
MK4096-11 |
4096x1-bit dynamic RAM
|
Mostek
|
HYB314100BJL-70 HYB314100BJL-60 HYB314100BJ-50 HYB |
4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4M X 1 FAST PAGE DRAM, 50 ns, PDSO20 4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4米1位动态随机存储器的低功米1位动态随机存储器 4M X 1 FAST PAGE DRAM, 70 ns, PDSO20 0.300 INCH, PLASTIC, SOJ-26/20 4M x 1-Bit Dynamic RAM(Fast Page Mode)(4M x 1动RAM(快速页面模)
|
http:// Infineon Technologies AG SIEMENS AG
|
Q67100-Q607 Q67100-Q608 Q67100-Q433 Q67100-Q542 Q6 |
256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256亩4位动态随机存储器的低功56亩4位动态随机存储器 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256K X 4 FAST PAGE DRAM, 60 ns, PDIP20
|
http:// SIEMENS A G SIEMENS AG
|
HYB314405BJL-60 HYB314405BJL-70 Q67100-Q2124 |
1M × 4-Bit Dynamic RAM(Fast Page Mode)(1M x 4动RAM(快速页面模) 1M x 4-Bit Dynamic RAM
|
SIEMENS AG
|
HYB5117405BT-70 HYB5117405BT-60 HYB5117405BT-50 HY |
-4M x 4-Bit Dynamic RAM 2k & 4k Refresh 4M x 4-Bit Dynamic RAM 2k & 4k Refresh (Hyper Page Mode- EDO) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYB5117800BSJ-70 HYB5117800BSJ-60 HYB5117800BSJ-50 |
-2M x 8 - Bit Dynamic RAM 2k Refresh 2M x 8-Bit Dynamic RAM From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYM72V8010GS-60 HYM72V8010GS-50 HYM72V8000GS-60 HY |
8M x 72 Bit ECC FPM DRAM Module buffered 8M x 72-Bit Dynamic RAM Module (ECC - Module) 8M x 72-Bit Dynamic RAM Module 8米72位动态随机存储器模块 8M x 72-Bit Dynamic RAM Module 8M X 72 FAST PAGE DRAM MODULE, 60 ns, DMA168 Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 8M X 72 FAST PAGE DRAM MODULE, 50 ns, DMA168
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
HYB5116405BJ-50 HYB5116405BJ-60 HYB5117405BJ-70 HY |
4M x 4-Bit Dynamic RAM 2k & 4k Refresh 4M X 4 EDO DRAM, 70 ns, PDSO24 POWERLINE: RP12-S_DA - 2:1 Wide Input Voltage Range- 12 Watts Output Power- 1.6kVDC Isolation- Over Current Protection- Five-Sided Continuous Shield- Standard DIP24 and SMD-Pinning- Efficiency to 88% 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS A G SIEMENS AG http:// Siemens Semiconductor G...
|
HYB3116405BT-50 HYB5117405BJ-50 HYB3117405BJ-50 HY |
RES 100K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 10K/REEL-7IN-PA 4M X 4 EDO DRAM, 60 ns, PDSO24 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 4M X 4 EDO DRAM, 60 ns, PDSO24 4M×4-Bit Dynamic RAM(2k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (2K刷新,超级页面EDO)) 4M×4-Bit Dynamic RAM(4k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (4K刷新,超级页面EDO)) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS AG http:// Siemens Semiconductor Group
|
MK32VT1632-10YC |
16777216 Word x 32 Bit Synchronous Dynamic RAM Module (2 BANK)(16M字2位同步动态RAM模块) From old datasheet system 16,777,216 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
|
OKI SEMICONDUCTOR CO., LTD.
|