PART |
Description |
Maker |
MTD5119 |
TWTs, Continuous Wave
|
Teledyne Technologies Incor...
|
MEC5414-D MEC5413-D |
TWTs, Continuous Wave
|
Teledyne Technologies I...
|
MEC5408 |
TWTs, Continuous Wave
|
Teledyne Technologies I...
|
M5670NO MEC5670 |
TWTs, Continuous Wave
|
Teledyne Technologies Incorporated Teledyne Technologies I...
|
MTG5082H |
TWTs, Continuous Wavel
|
Teledyne Technologies I...
|
CW01DB1 |
Continuous Wave Transmitter
|
Supertex
|
FLD5F15CX-L FLD5F15CX-L9090 FLD5F15CX-L8640 FLD5F1 |
1,550nm Continuous Wave DFB Laser
|
EUDYNA[Eudyna Devices Inc]
|
ADN2830 |
Average Power Controller for Continuous Wave (CW) Laser
|
Analog Devices
|
CDPS532M020 CDPS532M050 CDPS532M010 |
Continuous Wave 532 nm Diode-Pumped Solid State Laser
|
JDS Uniphase Corporation
|
AH445-70 AH491-70 AH490-00 AH491-71 AH618-00 AH370 |
10 GHz - 11 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 12 GHz - 13.5 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 16.5 GHz - 18 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 46 GHz - 50 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 20 GHz - 22 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 18 GHz - 20 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE
|
ATMEL CORP
|
DGB9335 DGB9344 DGB9345 DGB8544 DGB8514 DGB8164 DG |
12.4 GHz - 18 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 18 GHz - 26.5 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 5 GHz - 8.2 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 40 GHz - 60 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 8.2 GHz - 12.4 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE
|
SKYWORKS SOLUTIONS INC
|
TB6581H06 |
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
|
Toshiba Semiconductor
|