PART |
Description |
Maker |
MCM69R736AZP5 MCM69R736AZP5R MCM69R736AZP8 MCM69R7 |
4M Late Write HSTL 128K X 36 LATE-WRITE SRAM, 4 ns, PBGA119 Circular Connector; No. of Contacts:22; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:36; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:36-1 RoHS Compliant: No
|
Motorola, Inc. Motorola Mobility Holdings, Inc. MOTOROLA INC
|
GS8170LW36AC |
18Mb B>1x1Lp CMOS I/O Late Write SigmaRAM 18Mb x1Lp CMOS I/O Late Write SigmaRAM 35.7x1Lp的CMOS的I / O后写SigmaRAM
|
GSI Technology, Inc.
|
MCM69L820AZP9R MCM69L738A MCM69L738AZP8.5 MCM69L73 |
4M Late Write 2.5 V I/O
|
MOTOROLA[Motorola, Inc]
|
MCM69R736A MCM69R736AZP5 MCM69R736AZP5R MCM69R736A |
4M LATE WRITE HSTL
|
MOTOROLA[Motorola Inc] Motorola, Inc
|
MCM69R818CZP4.4 MCM69R736CZP4.4 MCM69R736CZP4.4R M |
4M Late Write HSTL
|
Motorola, Inc
|
MCM69R536ZP4.4R |
32K X 36 LATE-WRITE SRAM, 2.2 ns, PBGA119
|
MOTOROLA INC
|
MCM69L819AZP9R MCM69L737A MCM69L737AZP8.5 MCM69L73 |
From old datasheet system 4M Late Write LVTTL
|
MOTOROLA[Motorola, Inc]
|
IS61DDB41M36A |
Synchronous pipeline read with late write operation
|
Integrated Silicon Solu...
|
K7Z167288B K7Z163688B |
512Kx36 & 256Kx72 DLW(Double Late Write) RAM
|
Samsung semiconductor
|
CXK77B1841AGB CXK77B3641AGB |
4Mb Late Write LVTTL High Speed Synchronous SRAM (128K x 36Bit)(4M位、写延迟LVTTL高速同步静态RAM (128K x 36) 4Mb的后写入LVTTL高速同步SRAM28K的x 36Bit)(4分位,写延迟LVTTL高速同步静态随机存储器28K的36位) 4Mb Late Write LVTTL High Speed Synchronous SRAMs (128K x 36Bit)(4M位、写延迟、高速逻辑收发(HSTL)、高速同步静态RAM (128K x 36) 4Mb的后写入LVTTL高速(128K的x 36Bit)(4分位,写延迟,高速逻辑收发(HSTL),高速同步静态随机存储器28K的36位)同步静态存储器
|
Sony, Corp.
|
HM64YLB36512BP-33 HM64YLB36512 HM64YLB36512BP-28 |
16M Synchronous Late Write Fast Static RAM (512-kword 隆驴 36-bit) 16M Synchronous Late Write Fast Static RAM (512-kword × 36-bit)
|
Renesas Electronics Corporation
|
MCM63R818FC3.7R |
256K X 18 LATE-WRITE SRAM, 1.85 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, PLASTIC, FLIP CHIP, BGA-119
|
Freescale Semiconductor, Inc.
|