PART |
Description |
Maker |
74ACT521 74AC521 74ACT521PC 74AC521SJ |
8-Bit Identity Comparator AC SERIES, 8-BIT IDENTITY COMPARATOR, INVERTED OUTPUT, PDSO20 8-Bit Identity Comparator AC SERIES, 8-BIT IDENTITY COMPARATOR, INVERTED OUTPUT, PDIP20
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74ACT520SJ 74AC520 74AC520_07 74AC520SC 74ACT520 7 |
8-Bit Identity Comparator
|
FAIRCHILD[Fairchild Semiconductor]
|
74F521MSA 74F521PC 74F521SC 74F521SJ 74F521 74F521 |
8-Bit Identity Comparator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
IDT74FCT521ATP IDT74FCT521ATPB IDT74FCT521TSO IDT7 |
FAST CMOS 8-BIT IDENTITY COMPARATOR
|
Integrated Device Techn... IDT[Integrated Device Technology] http://
|
IDT74FCT521A IDT54FCT521A IDT74FCT521C IDT74FCT521 |
FAST CMOS 8-BIT IDENTITY COMPARATOR
|
IDT
|
MSA20 74F521 74F521MSA 74F521PC 74F521SC 74F521SJ |
8-Bit Identity Comparator From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74AC520PCQR |
Identity Comparator 身份比较
|
Rochester Electronics, LLC
|
MM74HC688 MM74HC688MTC MM74HC688N MM74HC688SJ MM74 |
8-Bit Magnitude Comparator (Equality Detector) 1.5A 280kHz/560kHz Boost Regulators; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, 8-BIT MAGNITUDE COMPARATOR, INVERTED OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp.
|
LM393AM LM393AN LM2903I LM2903IM LM2903IN LM2903M |
Dual Comparator; Package: SOIC; No of Pins: 8; Container: Tape & Reel MB 31C 31#16 SKT PLUG 8-Bit Shift Registers With 3-State Output Registers 16-TSSOP -40 to 85 DUAL COMPARATOR, 9000 uV OFFSET-MAX, 1400 ns RESPONSE TIME, PDIP8 Dual Differential Comparator From old datasheet system
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SNJ54ALS688W |
<font color=red>[Old version datasheet]</font> 8-BIT IDENTITY COMPARATORS
|
TI store
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
74F524 74F524_2 N74F524D N74F524N |
8-bit register comparator (open-collector From old datasheet system 8-bit register comparator open-collector 3-State
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|