PART |
Description |
Maker |
LT3692EUHPBF LT3692EUHTRPBF |
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator 5.8 A DUAL SWITCHING CONTROLLER, 2750 kHz SWITCHING FREQ-MAX, PQCC32
|
LINEAR TECHNOLOGY CORP
|
LTC3703 LT3845 LT3844 LTC1778 LTC3703-5 LTC3850 LT |
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start Dual, 2-Phase Step-Down Switching Controller; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C 0.5 A DUAL SWITCHING CONTROLLER, 560 kHz SWITCHING FREQ-MAX, PQCC24
|
Linear Technology, Corp.
|
LTC3728LZEUHTRPBF |
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PQCC28
|
Linear Technology, Corp.
|
MC33065DW-H MC33065DW-L MC34065DW-H MC34065DW-L MC |
HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS 0.4 A DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO16
|
MOTOROLA INC Motorola Mobility Holdings, Inc.
|
MIC2238-GSYML MIC2238-521YML MIC2238-AAYML MIC2238 |
2.5MHz Dual Phase PWM Buck Regulator Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator 1.8 A DUAL SWITCHING CONTROLLER, 2875 kHz SWITCHING FREQ-MAX, PDSO12
|
Micrel Semiconductor, Inc.
|
ISL6225CAZA-T ISL6225 ISL6225CA ISL6225CA-T ISL622 |
Dual Mobile-Friendly PWM Controller with DDR Memory Option DUAL SWITCHING CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO28
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADP1877ACPZ-R7 |
Dual Output Synchronous Buck PWM Controller With Tracking; No of Pins: 32; Temperature Range: Ind 20 A DUAL SWITCHING CONTROLLER, 1725 kHz SWITCHING FREQ-MAX, QCC32
|
Analog Devices, Inc.
|
MSK5041-5.0H MSK5041-2.5H MSK5041-5.0HG |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 9 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PDFP44 9 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PDSO44
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3827IG-1-PBF LTC3827-1 LTC3827IG-1 LTC3827IG-1- |
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 650 kHz SWITCHING FREQ-MAX, PDSO28
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC1702CGNPBF LTC1702CGNTR LTC1702CGNTRPBF LTC1702 |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller; Package: SOT; No of Pins: 24; Temperature Range: 0°C to 70°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO24 Dual 550kHz Synchronous 2-Phase Switching Regulator Controller; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO24
|
Linear Technology, Corp.
|