PART |
Description |
Maker |
MAX120 MAX120C_D MAX120CAG MAX120CNG MAX120CWG MAX |
500ksps, 12-Bit ADCs with Track/Hold And Refrence 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No Slide Switch,STRAIGHT,DPDT,Number Of Positions:2,PC TAIL Terminal,PCB Hole Count:6 500ksps / 12-Bit ADCs with Track/Hold And Refrence 500ksps 12-Bit ADCs with Track/Hold And Refrence From old datasheet system
|
MAXIM - Dallas Semiconductor ADC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LTC1278-5 |
12-Bit, 500ksps Sampling A/D Converter with Shutdown(500ksps,12采样模数转换带关) 12位,500ksps与关机采样A / D转换器(500ksps2位,采样模数转换器(带关断)
|
Linear Technology, Corp.
|
TRU-600 |
Clock and Data Recovery Products TRU-600 超铀- 600 From old datasheet system TRU-600
|
Electronic Theatre Controls, Inc. ETC[ETC] Vectron International, Inc
|
LTC2382IDE-16PBF LTC2382-16 LTC2382CDE-16PBF LTC23 |
16-Bit, 500ksps, Low Power SAR ADC with Serial Interface 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
|
LINEAR TECHNOLOGY CORP
|
LTC1199LIS8TRPBF LTC1199LIMS8TRPBF LTC1199LCMS8TRP |
10-Bit, 500ksps ADCs in MSOP with Auto Shutdown 10-Bit, 500ksps ADCs in MSOP with Auto Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 10-Bit, 500ksps ADCs in MSOP with Auto Shutdown; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 10-Bit, 500ksps ADCs in MSOP with Auto Shutdown; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 10-Bit, 500ksps ADCs in MSOP with Auto Shutdown; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Analog to Digital Converter 模数转换
|
Linear Technology, Corp.
|
LTC2306CDD-PBF LTC2306CDD-TRPBF LTC2306IDD-PBF LTC |
Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
|
Linear Technology
|
MAX120EWG-T MAX122BMYG/883B |
500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference
|
MAXIM - Dallas Semiconductor
|
LTC1197 LTC1197C LTC1197CS8 LTC1197I LTC1197IS8 LT |
From old datasheet system 10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
|
LINER[Linear Technology]
|
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
LTC2367-16 |
16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
|
Linear Technology
|
LTC2367CMS-16PBF LTC2367CDE-16PBF LTC2367CDE-16TRP |
16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
|
Linear Technology
|
MAX1239EEE-T MAX122BEAG MAX122BEAGT MAX1241AESA-T |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Maxim Integrated Products, Inc.
|
|