PART |
Description |
Maker |
KSC2669 KSC2669OBU KSC2669YTA |
FM RADIO RF AMP, MIX, CONV, OSC, IF AMP FM RADIO RF AMP/ MIX/ CONV/ OSC/ IF AMP NPN Epitaxial Silicon Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
CE-1003 |
IC CONV DC-DC SNGL OUT STEP DOWN 6 TO 16VIN T/R
|
TDK Semiconductor
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
X25160 X25160P X25160P-2.7 X25160PI X25160PI-2.7 X |
CONV DC/DC 48V 140W 4:1 1/8BRICK SPI串行E2PROM的保护带座LockTM CONNECTOR ACCESSORY SPI Serial E2PROM With Block LockTM Protection
|
TE Connectivity, Ltd. XICOR[Xicor Inc.]
|
2SC4710LS 0929 |
NPN Triple Diffused Planar Silicon Transistor 2100V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system 2100V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
JFC100C JFC100C1 JFC100C3 JFC100C31 JFC075C JFC075 |
IC CONV DC-DC STEP DOWN 28VIN dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
|
Tyco Electronics
|
2SC4631LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 300mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/300mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4630LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 100mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4636LS |
NPN Triple Diffused Planar Silicon Transistor 1800V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1800V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4633LS |
NPN Triple Diffused Planar Silicon Transistor 1200V / 30mA High-Voltage Amplifier, High-Voltage Switching Applications 1200V/30mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
25C160-I/SN 25C160-/P |
Power Source Selector for Dual-Battery Systems SPI串行EEPROM IC,LIN,SMD,DC-DC CONV, 5V/12V SPI串行EEPROM
|
Microchip Technology, Inc.
|