PART |
Description |
Maker |
MB1511-PFV |
PLL FREQUENCY SYNTHESIZER, 1100 MHz, PDSO20
|
FUJITSU LTD
|
ADF4110BRU-REEL ADF4110BRUZ-RL ADF4113BCP-REEL ADF |
Single, Integer-N, 550 MHz PLL With Programmable Prescaler And Charge Pump; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial PLL FREQUENCY SYNTHESIZER, 550 MHz, PDSO16 Single, Integer-N 4.0 GHz PLL With Programmable Prescaler And Charge Pump; Package: LFCSP (4x4mm); No of Pins: 20; Temperature Range: Industrial PLL FREQUENCY SYNTHESIZER, 4000 MHz, CQCC20 Single, Integer-N, 550 MHz PLL With Programmable Prescaler And Charge Pump; Package: LFCSP (4x4mm); No of Pins: 20; Temperature Range: Industrial PLL FREQUENCY SYNTHESIZER, 550 MHz, CQCC20 Single, Integer-N, 1.2 GHz PLL With Programmable Prescaler And Charge Pump; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial PLL FREQUENCY SYNTHESIZER, 1400 MHz, PDSO16 Single, Integer-N 3.0 GHz PPL With Programmable Prescaler And Charge Pump; Package: LFCSP (4x4mm); No of Pins: 20; Temperature Range: Industrial PLL FREQUENCY SYNTHESIZER, 3000 MHz, CQCC20 PLL FREQUENCY SYNTHESIZER, 1400 MHz, CQCC20
|
Analog Devices, Inc. ANALOG DEVICES INC
|
CY2212ZXC-2T |
Direct RambusT 82; Clock Generator (Lite); VDD: 3.3 V; Input Frequency: 14.0625 MHz to 18.75 MHz; Output Frequency: 9.375 MHz to 400 MHz; # Out: 3
|
CYPRESS SEMICONDUCTOR CORP
|
FP6345 |
10 MHz - 1100 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
SPECTRUM CONTROL INC
|
PAW587 |
40-550 MHz,CATV ultra linear amplifier 40-550 MHz. 21 dB. CATV Ultra-linear Amplifier 40-550兆赫。二十一分贝。有线电视超线性放大器
|
MA-Com MACOM[Tyco Electronics] STMicroelectronics N.V.
|
CY27020SXC |
PREMIS(TM):SSCG EMI Reduction; Voltage(V): 2.5/3.3 V; Input Frequency Range: 48 MHz to 48 MHz; Output Frequency Range: 48 MHz to 48 MHz; Operating Range: 0 to 70 C; Package: SOIC 48 MHz, OTHER CLOCK GENERATOR, PDSO8
|
Cypress Semiconductor, Corp.
|
ZX95-550 ZX95-550-S |
VCO, 515 MHz - 550 MHz ROHS COMPLIANT, CASE GB956
|
Mini-Circuits
|
PENTIUMIIIXEON700/900 |
Iii Xeon Processor at 500 MHZ and 550 MHZ
|
Intel
|
AN8570SH |
PHASE LOCKED LOOP, 1100 MHz, PDSO24
|
PANASONIC CORP
|
VLFX-1100 |
Low Pass Filter DC to 1100 MHz (40 dB Isolation up to 20 GHz)
|
MINI[Mini-Circuits]
|