PART |
Description |
Maker |
LBN08023 |
80MHz SAW Filter 80MHz SAW Filter 14.48MHz Bandwidth
|
SIPAT Co,Ltd
|
LBN08025 |
80MHz SAW Filter 80MHz SAW Filter 24.1MHz Bandwidth
|
SIPAT Co,Ltd
|
LBS08036 |
80MHz SAW Filter 0.1MHz Bandwidth
|
SIPAT Co,Ltd
|
HA-2842 FN2766 |
80MHz, High Slew Rate, High Output
Current, Video Operational Amplifier(80MHz、高偏移高输出电流视频运算放大器) From old datasheet system 80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
|
Intersil Corporation
|
M69KB096AA |
64 Mbit (4M x16) 1.8V Supply 80MHz Clock Rate - Burst PSRAM
|
STMicroelectronics
|
DSP56F803E 56F80307 DSP56F803BU80 |
Up to 40 MIPS at 80MHz core frequency 16-bit Digital Signal Controllers
|
Freescale Semiconductor, Inc
|
ADV7122 |
80 MHz, Triple 10-Bit Video DACs(80MHz,三通道10位视频D/A转换 80兆赫,三0位视频数模转换器(为80MHz,三通道10位视频的D / A转换器)
|
Analog Devices, Inc.
|
S1D2500A01 |
IIC BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS 3-Channel RGB Video Pre Amp,IIC Bus Control,Half Tone,Bright Uniformity,80MHz OSD input
|
Samsung Electronic
|
EL2228 |
Dual, Op Amp, 80MHz, AV=1, Low Noise 4.9nV/√Hz, 2.5-12VDC Dual Low Noise Amplifier
|
Intersil Corporation
|
M38B40EEH-XXXXFP M38B46MAH-XXXXFP M38B45M7H-XXXXFP |
101FINHB-N5 120VAC FLASHING BL (NR) 单芯位CMOS微机 THERMO COMPENSATING ATT 6DB 单芯位CMOS微机 OSCILLATOR VC-TXO 16.80MHZ SMD 单芯位CMOS微机 ATTEN, VAR, 6DB, -.009TCA, SMD3 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 DC-DC Converter; Supply Voltage:48V; Output Voltage:5V; Number of Outputs:2; Power Rating:10W; Mounting Type:PC Board; Series:BXA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:75V RoHS Compliant: Yes ATTEN,TEMP COMPSG,SM 4 DB,2W,DC-6GHZ FLASHLIGHT INDUSTRIAL LANTERN ATTENUATOR, THIN FILM CHIP ATTEN THN FLM CHP .060 X. OSC 3.3V SMT 7X5 CMOS Single Chip 8 Bits Microcomputer(8位单片机) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER隆隆隆隆隆隆 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Panasonic Industrial Solutions Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|
|