PART |
Description |
Maker |
IRGMC40F |
600V DISCRETE Hi-Rel IGBT in a TO-254AA package
|
International Rectifier
|
IRG4PC40U IRG4PC40U-EPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package 40 A, 600 V, N-CHANNEL IGBT, TO-247AD TO-247AD, 3 PIN INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
|
Vishay Intertechnology, Inc. International Rectifier
|
IRG4PC30S IRG4PC30SPBF |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
|
IRF[International Rectifier]
|
OM9403SD |
25V 8A Single Channel Hi-Rel IGBT Gate Driver in a DP-10A package IGBT GATE DRIVER For Driving IGBT Modules 600V and 1200V, 150A to 600A
|
IRF[International Rectifier]
|
IRG4PC50U IRG4PC50U-E |
55 A, 600 V, N-CHANNEL IGBT, TO-247AD 55 A, 600 V, N-CHANNEL IGBT, TO-247AC 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.65V的,@和VGE \u003d 15V的,集成电路\u003d 27A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRG4PC50W IRG4PC50WPBF |
600V Warp 60-150 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.30V, @Vge=15V, Ic=27A)
|
IRF[International Rectifier]
|
IRGBC30S |
600V Discrete IGBT in a TO-220AB package
|
International Rectifier
|
IRGPC50F |
600V Discrete IGBT in a TO-3P (TO-247AC) package
|
International Rectifier
|
IRG4BC10S IRG4BC10SPBF |
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.1.10V, @Vge=15V, Ic=2.0A) 绝缘栅双极晶体管IGBT的标准速度VCES和\u003d 600V电压的Vce(on)typ.1.10V @和VGE \u003d 15V的,集成电路\u003d 2.0安培 600V DC-1 kHz (Standard) Discrete IGBT in a TO-220AB package
|
International Rectifier, Corp.
|
IRG4RC10 IRG4RC10K IRG4RC10KTR IRG4RC10KTRL IRG4RC |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Discrete IGBT in a D-Pak package
|
International Rectifier
|
FGW75N60HD |
Discrete IGBT (High-Speed V series) 600V / 75A
|
Fuji Electric
|