PART |
Description |
Maker |
IDT72V3644 IDT72V3624 IDT72V3634 IDT72V3634L10 IDT |
512 x 36 x 2 SyncBiFIFO, 3.3V 3.3 VOLT CMOS SyncBiFIFO? 3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
|
IDT[Integrated Device Technology] Integrated Device Techn...
|
IDT72V3634L10PF IDT72V3634L15PF8 |
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2 512 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP128
|
INTEGRATED DEVICE TECHNOLOGY INC
|
IDT728980 IDT728980J IDT728980J8 |
256 x 256 TSI, 8 I/O at 2Mbps, Variable Delay, 5.0V TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
|
IDT[Integrated Device Technology]
|
IDT72V8980 IDT72V8980DB IDT72V8980J IDT72V8980PV I |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 256 x 256 TSI, 8 I/O at 2Mbps, Variable Delay, 3.3V
|
Integrated Device Technology IDT
|
IDT72V3614 IDT72V3614L12PF IDT72V3614L12PF8 IDT72V |
64 x 36 x 2 SyncBiFIFO, 3.3V
|
IDT
|
IDT723672 IDT723672L12PF IDT723672L12PQF IDT723672 |
CMOS SyncBiFIFO
|
IDT[Integrated Device Technology]
|
AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 |
Dual, 256 Position, Digital Potentiometer 2-Channel/ 256-Position Digital Potentiometer CONNECTOR ASSEMBLIES RoHS Compliant: Yes 2-Channel, 256-Position Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14 2-Channel, 256-Position Digital Potentiometer 2通道56位数字电位器
|
AD[Analog Devices] Analog Devices, Inc.
|
AT93C66B-SSHM-T AT93C56B-SSHM-T |
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
|
ATMEL Corporation
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MT8985 |
256 x 256 Channels (8 TDM Streams at 2.048 Mbps) Non-blocking Enhance Digital Switch (EDX) with Constant Delay Mode
|
Zarlink Semiconductor
|
LH5420-P-35 LH5420-P-30 LH5420-P-25 |
256 x 36 x 2 Bidirectional FIFO 256 × 36 × 2双向先进先出
|
Sharp Corporation Sharp, Corp.
|