PART |
Description |
Maker |
DS60R-TRL DS60 |
Micro-Centigrade Temperature Sensor VOLTAGE REG POS 6V 100MA TO-92 VOLTAGE REG POS 15V 1500MA TO220 模拟温度传感
|
MAXIM - Dallas Semiconductor Dallas Semiconducotr Jameco Electronics
|
ISL6548ACRZ-T ISL6548ACRZA ISL6548ACRZA-T ISL6548A |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-PDIP 0 to 70 500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SO 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
5962-8982301MTX 5962-8982301MZX 5962-8982304QXX 59 |
Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) Field Programmable Gate Array (FPGA) 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 SOT23, Switched-Capacitor Voltage Inverters with Shutdown 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 现场可编程门阵列(FPGA
|
Electronic Theatre Controls, Inc.
|
LM2574DW-ADJ LM2574N-5 LM2574_D ON0293 |
EASY SWITCHER 0.5 A STEP-DOWN VOLTAGE REGULATOR 0.5 A STEP-OWN VOLTAGE REGULATOR From old datasheet system
|
ON Semiconductor
|
BD9300FV-E2 |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
ROHM
|
CJT201000JV CRT011000DM CRT011000FB CRT011000FV CR |
THICK FILM CHIP RESISTORS IC REG LDO 1A 1.8V TO220FP IC REGULATOR 3PIN 10V TO220FP Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 4700uF; Voltage: 63V; Case Size: 22x50 mm; Packaging: Bulk 贴片电阻 IC REGULATOR 3PIN 15V TO220FP 贴片电阻 IC REG LDO 1A 1.5V TO220FP 贴片电阻 IC REG LDO 1A 9V SHTDN TO220FP-5 贴片电阻 THICK FILM CHIP RESISTORS 贴片电阻 MOSFET N-CH 60V 2A SOT-89 贴片电阻 IC REG LDO 1A 2.5V TO220FP 贴片电阻 IC REGULATOR 3PIN 5V TO220FP 贴片电阻 From old datasheet system
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] N.A. List of Unclassifed Manufac...
|
MIC39300 MIC39300-1.8BT MIC39300-1.8BU MIC39300-1. |
3A, Low-Voltage Low-Dropout Regulator IC REG LDO 3A 1.8V TO263 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 IC REG LDO 3A 1.8V TO263-5 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 IC REG LDO 3A 2.5V TO263-5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 Linear Voltage Regulator IC; Output Current Max:3A; Package/Case:5-TO-263; Output Voltage:1.8V; Current Rating:3A; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No
|
Micrel Semiconductor, Inc. MICREL INC
|
ATH10T033 ATH10T033-9J ATH10T033-9S ATH10T033-9SL |
1-OUTPUT 55 W DC-DC REG PWR SUPPLY MODULE 10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
|
Astec America, Inc
|
LM2576-12BT LM2576-12BU LM2576-3.3BT LM2576-3.3BU |
7.5 A SWITCHING REGULATOR, 63 52kHz Simple 3A Buck Regulator 52kHz Simple 3A Buck Regulator
|
Micrel Semiconductor
|
MB3883 MB388302 MB3883PFV MB3883PV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Component Limited.
|