PART |
Description |
Maker |
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
BYM11-50 BYM11-800 BYM11-600 BYM11-400 BYM11-100 B |
1 A, 100 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 1 A, 600 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 Surface Mount Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A
|
Vishay Beyschlag
|
RL153G-F 1N4007GH05 1N4007GH03-2 1N4005GH08 |
1.5 A, 200 V, SILICON, RECTIFIER DIODE, DO-15 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41
|
RECTRON LTD
|
1N4005ID143 |
1 A, 600 V, SILICON, SIGNAL DIODE
|
NXP SEMICONDUCTORS
|
ER1J-GT3 |
1 A, 600 V, SILICON, SIGNAL DIODE, DO-214AA
|
SENSITRON SEMICONDUCTOR
|
ER1J-LTP |
1 A, 600 V, SILICON, SIGNAL DIODE, DO-214AA
|
MICRO COMMERCIAL COMPONENTS
|
GP08J/56 GP08G/66 GP08G/64 |
0.8 A, 600 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 0.8 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
1N3613GPE |
1 A, 600 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN
|
Vishay Beyschlag
|
UF4003 UF4005-E3 |
DIODE 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL, PLASTIC, DO-41, 2 PIN, Signal Diode DIODE 1 A, 600 V, SILICON, SIGNAL DIODE, DO-204AL, LEAD FREE, PLASTIC, DO-41, 2 PIN, Signal Diode
|
Vishay Semiconductors
|
1N4934G IN4937 1N4933G 1N4935G 1N4936G 1N4937G |
FAST RECOVERY GLASS PASSIVATED RECTIFIER 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41
|
RECTRON[Rectron Semiconductor]
|
RL205M12 1N5395M12 1A6-J RL1N4001-N RECTRONLTD-1A1 |
2 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 A, 400 V, SILICON, RECTIFIER DIODE, DO-15 1 A, 800 V, SILICON, SIGNAL DIODE 1 A, 50 V, SILICON, SIGNAL DIODE 2.5 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD
|
|