PART |
Description |
Maker |
BTA40A BTA40B 2939 BTA40-400B BTA40-400A BTA40-600 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 700V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
BTA41-600 |
Triac Series
|
Continental Device Indi...
|
BT136 |
Triac Series
|
Continental Device Indi...
|
MAC228A MAC228A10 MAC228A10G MAC228A4 MAC228A6 MAC |
TRIAC 8A 600V TRIAC 8A 400V TRIAC 8A 200V
|
ON Semiconductor
|
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CHTA16 CHTB16-400 CHTB16-400PT CHTA16-600 CHTA16-6 |
High Temperature 150∑C Series TRIAC
|
ETC[ETC]
|
CHTA12-400 CHTA12-800PT CHTB12-400 CHTB12-400PT CH |
High Temperature 150∑C Series TRIAC
|
ETC[ETC]
|
2N6346A 2N6347A 2N6345A 2N6343A 2N6348A 2N6342A 2N |
12-A silicon triac. 200 V. 12-A silicon triac. 400 V. 12-A silicon triac. 800 V. 12-A silicon triac. 600 V.
|
General Electric Solid State
|
FODM302 FODM3022 FODM30XX FODM3053R1NL FODM3023R1 |
400V Random Phase Triac Driver 5mA; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 600V Random Phase Triac Driver 5mA 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
|
Fairchild Semiconductor, Corp.
|
BT138-600 BT138-600F BT138-600G BT138-500/B BT138- |
TRIAC 12A SOT-186A TRIAC 12A/600V TRIAC 12A/500V Triacs
|
Philips Semiconductors
|
TLC336A TLC386D TLC116 TLC226A TLC226T TLC386A TLC |
200 V, 3 A, TRIAC SENSITIVE GATE TRIACS From old datasheet system 400 V, 3 A, TRIAC
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|