PART |
Description |
Maker |
SKY-60MH |
Level 13 (LO Power 13dBm) 2500 to 6000 MHz 2500 MHz - 6000 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9.5 dB CONVERSION LOSS-MAX
|
Mini-Circuits
|
NTD14N03R07 NTD14N03RT4G NTD14N03R-001 NTD14N03R-1 |
Power MOSFET 14 A, 25 V N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 11.4 A, 25 V, 0.13 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 14 Amps, 25 Volts N-Channel DPAK
|
Rectron Semiconductor
|
BLF6G27LS-75 BLF6G27-75 |
Product description75 W LDMOS power transistor for base station applications at frequencies from 2500 MHz to 2700 MHz WiMAX power LDMOS transistor S BAND, Si, N-CHANNEL, RF POWER, MOSFET 75 W LDMOS power transistor for base station applications at frequencies from 2500 MHz to 2700 MHz. BLF6G27-75<SOT502A (LDMOST)|<<http://www.nxp.com/packages/SOT502A.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
NTD3055L170T4 |
Power MOSFET 9 Amps, 60 Volts, Logic Level N Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 9 A, 60 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
ZAPD-2-252 |
Power Splitter/Combiner 2 Way-0 50Ω 5 to 2500 MHz Power Splitter/Combiner 2 Way-0 50惟 5 to 2500 MHz Power Splitter/Combiner 2 Way-0 50ヘ 5 to 2500 MHz
|
Mini-Circuits
|
R4000 R5000 R2500 R3000 |
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere) HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere) 0.2 A, 2500 V, SILICON, SIGNAL DIODE, DO-15 CB 17C 17#16 PIN RECP BOX
|
RECTRON[Rectron Semiconductor] RECTRON LTD
|
NTD6600N NTD6600N-1 NTD6600N-1G NTD6600NT4 NTD6600 |
Power MOSFET 100 V, 12 A, N−Channel, Logic Level DPAK Power MOSFET 100 V, 12 A, N-Channel, Logic Level DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 A, 100 V, 0.146 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
LR1200480D25 LR600240D25 |
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,Module TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
FAR-F6CE-1G8425-L2YB FAR-F6CE-1G7475-L2YA FAR-F6CE |
Piezoelectric SAW BPF
(1000 to 2500 MHz)(压电表面声波带通滤波器000Hz500MHz Piezoelectric SAW BPF
(1000 to 2500 MHz)(压电表面声波带通滤波器1000Hz500MHz
|
Fujitsu Limited
|
SKY73010 SKY73010-11 |
300-2500 MHz Direct Quadrature Modulator 300 - 2500 MHz Direct Quadrature Modulator SKY73010: 300 ?2500 MHz Direct Quadrature Modulator
|
SKYWORKS[Skyworks Solutions Inc.]
|
XEC24E3-03G |
2400-2500 MHz
|
Anaren Microwave
|
|