PART |
Description |
Maker |
NT90 NT9007 NT90RH1ASDC3V NT90H1ASDC3V NT90H1AODC1 |
Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
|
DB Lectro Inc http://
|
TLP114AIGM TLP114A_IGM |
Photocoupler GaAlAs Ired & Photo IC Transistor Invertor For Air Conditioner Line Receiver Ipm Interfaces
|
TOSHIBA[Toshiba Semiconductor]
|
STK621-043A-E |
AC MOTOR CONTROLLER, PZFM19 Air Conditioner Three-Phase Compressor Motor Driver IMST Inverter Power Hybrid IC
|
Sanyo
|
DP0275D5S |
DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
|
MTU Onsite Energy Corporati...
|
LQW18AN8N2D00D LQW18AN6N8D00D LQW18ANR39J00D LQW18 |
INDUCTOR 8.2NH 650MA 0603 1 ELEMENT, 0.0082 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 6.8NH 750MA 0603 1 ELEMENT, 0.0068 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 390NH 80MA 0603 1 ELEMENT, 0.39 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 330NH 85MA 0603 1 ELEMENT, 0.33 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.056 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 4.7NH 850MA 0603 INDUCTOR 39NH 400MA 0603 INDUCTOR 10NH 650MA 0603 IND, 0603, 15NH, 2%, 700MA 1 ELEMENT, 0.027 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
AD698 AD698AP AD698APZ |
ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% SIGNAL CONDITIONER, PQCC28 Universal LVDT Signal Conditioner
|
Analog Devices, Inc. ANALOG DEVICES INC
|
0908SQ-25NGSC 0908SQ-25NGSD 0908SQ-8N1GSB 0908SQ-8 |
1 ELEMENT, 0.025 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0081 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0215 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.023 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0147 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
CTA400-0001-03 CTA400-0001-04 |
Air to Air TE Exchanger Standard Product
|
II-VI Marlow, Inc.
|
LQG15HS10NJ02D LQG15HS12NJ02D LQG15HS22NJ02D LQG15 |
INDUCTOR 10NH 300MA 0402 1 ELEMENT, 0.01 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 12NH 300MA 0402 1 ELEMENT, 0.012 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 22NH 300MA 0402 1 ELEMENT, 0.022 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 2.2NH 300MA 0402 1 ELEMENT, 0.0022 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 3.3NH 300MA 0402 1 ELEMENT, 0.0033 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 3.9NH 300MA 0402 1 ELEMENT, 0.0039 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 47NH 200MA 0402 1 ELEMENT, 0.047 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 5.6NH 300MA 0402 1 ELEMENT, 0.0056 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size) INDUCTOR 27NH 300MA 0402 Chip Inductor (Chip Coil) for High Frequency Multilayer Type Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size)
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD Murata Manufacturing Co...
|
ISL6334ACRZ ISL6334ACRZ-T |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
|
Intersil Corporation
|
|