PART |
Description |
Maker |
82596CA |
HIGH-PERFORMANCE 32-BIT LOCAL AREA NETWORK COPROCESSOR
|
INTEL[Intel Corporation]
|
PAC470GQR PAC470GQT PAC560GQR PAC560GQT PAC500GQR |
P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK P /主动高性能的GTL / ECL本地终端网络
|
CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
IDT74FCT821ALB IDT74FCT821AL IDT54FCT821ALB IDT54F |
DIODE SWITCH 80V 100MA S-MINI 3P CAP 0.82UF 25V 10% X7R SMD-1210 TR-7-PL SN-NIBAR HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS FCT SERIES, 9-BIT DRIVER, TRUE OUTPUT, CDFP24 HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS FCT SERIES, 9-BIT DRIVER, TRUE OUTPUT, CDIP24 HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS 高性能CMOS总线接口寄存
|
Integrated Device Techn... http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
AM29116DCB AM29116LC AM29116LCB AM29116XC AM29116X |
High Performance 16 Bit Bipolar Microprocessor High-Performance 16-Bit Bipolar Microprocessors
|
AMD[Advanced Micro Devices]
|
DSPIC33FJ256GP208I_PF DSPIC33FJ256GP208I_PT DSPIC3 |
High-Performance, 16-Bit Digital Signal Controllers dsPIC33FJXXXGPX06/X08/X10 Data Sheet DSPIC33FJ256GP510-IPF High-Performance,16-Bit Digital Signal Controllers High-Performance 16-Bit Digital Signal Controllers dsPIC33FJXXXGPX06/X08/X10 Data Sheet High-Performance 16-Bit Digital Signal Controllers High-Performance,16-Bit Digital Signal Controllers
|
Microchip Technology Inc.
|
TMP86C420U TMP86C820F TMP86C420F TMP86C820U |
CMOS 8-Bit Microcontroller High-speed, High-performance and low power consumption 8-bit microcomuter including ROM,RAM,LCD driver, multi function timer
|
Toshiba Semiconductor Toshiba Corporation
|
AM186ES AM188ES |
microcontrollers provide a low-cost/ high-performance solution for embedded system designers who wish to use the x86 architecture. High Performance/ 80C186-/80C188-Compatible and 80L186-/80L188-Compatible/ 16-Bit Embedded Microcontrollers
|
Advanced Micro Devices
|
IDT54FCT827CE IDT74FCT827A IDT54FCT827BL IDT74FCT8 |
SWITCH ROTARY SPDT SIDE 6' 高性能CMOS缓冲 HIGH-PERFORMANCE CMOS BUFFERS 高性能CMOS缓冲 HIGH-PERFORMANCE CMOS BUFFERS FCT SERIES, 10-BIT DRIVER, TRUE OUTPUT, CQCC28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
Z8F021AHH020EC Z8F041AQB020EC ZILOGINC-Z8F022ASJ02 |
Z8 Encore! XP-R 4K Series High-Performance 8-Bit Microcontrollers 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 Z8 Encore! XP-R 4K Series High-Performance 8-Bit Microcontrollers 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, DSO8
|
ZiLOG, Inc. ZILOG INC
|