PART |
Description |
Maker |
109291 109290 109292 109293 |
MiniMez Vertical Male DIP
|
ERNI Electronics
|
109361 109360 109362 109363 109364 109333 109332 |
MiniMez Vertical Male DIP without pegs 7,4mm
|
ERNI Electronics
|
GT8E-3P-HU GT8E-3P-2H GT8EW-4P-HU GT8E-4P-2H |
3 CONTACT(S), MALE, DIP CONNECTOR, CRIMP, PLUG 3 CONTACT(S), MALE, RIGHT ANGLE DIP CONNECTOR, SURFACE MOUNT 4 CONTACT(S), MALE, DIP CONNECTOR, CRIMP, PLUG 4 CONTACT(S), MALE, RIGHT ANGLE DIP CONNECTOR, SURFACE MOUNT
|
HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
1-1825059-1 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF03ST04=DIP SWT,FLUSH,SMT-GW ( Tyco Electronics )
|
Tyco Electronics
|
1-1825059-4 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04SA04=DIP SWT,FLUSH,SMT-JL ( Tyco Electronics )
|
Tyco Electronics
|
M80-8281006 M80-8281022 M80-8281042 M80-8281045 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - LATCHED Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin/lead, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin, 8 8-way
|
Harwin Plc HARWIN INC
|
TDA8215B |
From old datasheet system VERTICAL/HORIZONTAL DEFLECTION PROCESSOR,BIPOLAR,DIP,20PIN,PLASTIC HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M80-8151205 |
Datamate L-Tek DIL Male Vertical 3mm PC Tail Connector, friction latched, gold, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
070448MR |
D-SUB MALE R/A DIP TYPE
|
SUYIN USA, INC.
|
M80-8263442 |
Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, selective gold tin, 17 17-way 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
M80-5024022 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews, 20 20-way 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
|