PART |
Description |
Maker |
SFP-6141 |
10Gbps SMF SFP-Plus Transceiver 40km
|
Level One
|
SPS-2341MW-CXX0G |
10G Multirate / CWDM / 40km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
TPD1XGJERE00032G TPD1XGJERE00031G TPD1XGJERI00033G |
DWDM 40km SFP Transceivers
|
OPLINK Communications I...
|
HFCT-5218EM HFCT-5218FM HFCT-5218M |
TRANSCEIVER, XFO 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH. ATM (OC-12): Metalized housing 622 Mbit / s的单模光纤(40公里x9收发器用于SONET / SDH的。自动柜员机(的OC - 12):金属化住 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH. ATM (OC-12): Flush shield.metal housing 622 Mbit / s的单模光纤(40公里x9收发器用SONET / SDH的。自动柜员机(的OC - 12):刷新shield.metal住房 HFCT-5218M · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Metalized housing HFCT-5218FM · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Flush shield,metal housing HFCT-5218EM · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Ext. shield, metal housing
|
SMSC, Corp. Agilent (Hewlett-Packard)
|
XPD-MR-04-24CDA XPD-MR-04-59CDA XPD-MR-04-46CDA XP |
FIBER OPTIC TRANSCEIVER, 10000Mbps(Tx), 10000Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
|
Source Photonics, Inc.
|
FTM-53X0C-X40G FTM-53X0C-X40EG |
10G 1550nm XFP Transceiver
|
Source Photonics, Inc.
|
FTLX1612M3BTL |
RoHS-6 Compliant I-Temp 40km Multi-Rate XFP Optical Transceiver
|
Finisar Corporation.
|
XPS-2140BWG XPS-2140WG XPS-2140AWG |
10Gb/s 40km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
|
Optoway Technology Inc
|
FTLX3611M317 FTLX3611M318 FTLX3611M319 FTLX3611M32 |
RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
|
Finisar Corporation.
|
ZL60007/TBD |
1310nm, 1550nm 622Mbps PIN with Preamplifier FIBER OPTIC RECEIVER, 1310-1550nm, 622Mbps, THROUGH HOLE MOUNT, TO-46
|
Zarlink Semiconductor, Inc.
|
CB1RSU121553329 CB1GSU421553329 CB1GSU311553329 CB |
PON Filter for FTTx 1310/1490/1550nm PON的光纤到户过310/1490/1550nm
|
A-BRIGHT, Inc. MEAN WELL Enterprises Co., Ltd. Mitsubishi Electric, Corp. International Rectifier, Corp.
|
FTM-3012C-SL20G FTM-3012C-SLEG FTM-3012C-SLG FTM-3 |
FIBER OPTIC TRANSCEIVER, 1270-1355nm, 1250Mbps(Tx), 1250Mbps(Rx), LC CONNECTOR 1.25G Spring-Latch SFP Transceiver
|
Source Photonics, Inc.
|