PART |
Description |
Maker |
SC630A |
1MHz Fixed 3.3V Output Charge Pump Regulator
|
Semtech Corporation
|
TC7660S TC7660SEOA TC7660SEPA TC7660SMJA TC7660SCP |
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER The TC7660S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V input to a corresponding -1.5V to -12V output using only two low-cost capacitors, eliminating inductors and
|
MICROCHIP[Microchip Technology]
|
CAT3200 CAT3200ZI-GT3 CAT3200TDI-GT3 |
Low Noise Regulated Charge Pump DC-DC Converter DC-DC, 2x Charge Pump, Vadj -100 mA 0.2 A SWITCHED CAPACITOR REGULATOR, 2600 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
MCP1253-33X50I_MS MCP1253T-33X50I_MS MCP1253-ADJI_ |
(MCP1252 / MCP1253) Low Noise / Positive-Regulated Charge Pump Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵 The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ... The MCP1253-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of either 3.3V or 5.0V and can deliver 120mA of load current at the selected regulated output voltage. Since the The MCP1252-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of ... The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
SC1464CMSTR SC1464 |
60mA PROGRAMMABLE FIXED FREQUENCY CHARGE PUMP DOUBLER
|
SEMTECH[Semtech Corporation]
|
SC1462ISKTR SC1462 |
HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
|
SEMTECH[Semtech Corporation]
|
AAT3110IGU-5.0-T1 |
MicroPowerTM Regulated Charge Pump 5.0V Output Voltage, SOT23-6 Package
|
Skyworks Solutions
|
LTC3201 LTC3201EMS |
100mA Ultralow Noise Charge Pump LED Supply with Output Current Adjust
|
Linear Technology
|
AAT3111IJS-3.3-T1 AAT3111IJS-3.6-T1 AAT3111IGU-3.3 |
MicroPower Regulated Charge Pump MicroPower⑩ Regulated Charge Pump
|
Advanced Analog Technology, Inc.
|
TC1237 TC1237EUN TC1236 TC1236EUN TC1235 TC1235EUN |
The TC1235/1236/1237 are CMOS dual inverting charge pump voltage converters with a low power shutdown mode in MSOP 10-Pin packages. ... The TC1235/1236/1237 are CMOS dual inverting charge pump voltage converters with a low power shutdown mode in MSOP 10-Pin packages. Only four external capaci-tors are required for full circuit implementation. Switching frequencies are 12kH (TC1235 / TC1236 / TC1237) Inverting Dual Charge Pump Voltage Converters with Shutdown Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown 反相双(- VIN,这- 2VIN)电荷泵电压转换器,带有关断
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|
HIP1020 |
Controller, Hot Plug, Single, Double or Triple-Output, Adjustable Turn-on ramp, Internal Charge Pump
|
Intersil
|