PART |
Description |
Maker |
EC3293BNT3R |
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
|
E-CMOS Corporation
|
V53C104FK70 V53C104FK80 V53C104FK60L V53C104FK70L |
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM IC TRANS ARRAY 60V 500MA DIP16 IC COMPARATOR DUAL 18V SIP8 IC COMPARATOR DUAL 18V DIP8 IC REGULATOR 10V 1A TO220FP
|
Mosel Vitelic, Corp.
|
LX160VB33RM16X25LL LXA10VB102M12X20LL LXA10VB221M8 |
LXA/LX Series 拉萨/ LX系列 VARISTOR METAL-OXIDE 18V 0.015J 475V-CV 1-ELEMENT SMD-0603 SN100 TR-7-PL VARISTOR METAL-OXIDE 18V 475V-CV 4-ELEMENT SMD-0612 SN100 TR-7-PL Varistor; Package/Case:0805; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5.6V; Output Current Max:0.75A; Output Voltage Max:18V From old datasheet system
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers ETC[ETC]
|
LT1506CR-3.3SYNC LT1435 LT1506CR LT1506 LT1506CR-S |
4.5A, 500KHZ STEP-DOWN SWITCHING REGULATOR 4.5A/ 500kHz Step-Down Switching Regulator From old datasheet system
|
LINER[Linear Technology]
|
TC7662A02 TC7662AMJA TC7662ACPA TC7662AEPA TC7662A |
Charge Pump DC-to-DC Converter The TC7662A is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 3V to 18V input to a corresponding –3V to –18V output using only two low-cost capacitors, eliminating induct
|
MICROCHIP[Microchip Technology]
|
LT1977 1977F LT1977EFE LT1977IFE 1977IFE |
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current From old datasheet system High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100μA Quiescent Current
|
LINER[Linear Technology]
|
1956IFE 1956I5 LT1956IGN |
High Voltage, 1.5A, 500kHz Step-Down
|
Linear Technology
|
MIC4690YM |
500kHz 1A SuperSwitcher Buck Regulator
|
Micrel Semiconductor
|
EUP3485WIR1 |
500KHz Synchronous Step-Down Converter
|
Eutech Microelectronics
|
TS2509CSRL |
3A / 500KHz PWM Buck Converter
|
Taiwan Semiconductor Company, Ltd
|
EUP3472DIR1 |
500kHz Synchronous Step-Down Converter
|
Eutech Microelectronics
|