PART |
Description |
Maker |
567UVG010MFBJ 187UVG016MFBJ |
High temperature ?Very Low ESR ?High ripple current ?stable with temperature ?High frequency
|
Illinois Capacitor, Inc...
|
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
C1206C105K3NACTU |
Ceramic, 150C-(CxxxxC), 1 uF, 10%, 25 V, 1206, X8L, SMD, MLCC, High Temperature, Temperature Stable
|
Kemet Corporation
|
MP3V5050V MP3V5050VC6T1 MP3V5050VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
Freescale Semiconductor, Inc
|
SMM4FXXA-TR SMM4F28A SMM4F24A SMM4F20A SMM4F15A SM |
High junction temperature Transil?/a> High junction temperature Transil⑩
|
STMicroelectronics
|
AH175-WL-B-A AH175-WL-B-B AH175-PL-B-A AH175-PL-B- |
HALL EFFECT LATCH FOR HIGH TEMPERATURE MAGNETIC FIELD SENSOR-HALL EFFECT, -6-6mT, 400mV, RECTANGULAR, THROUGH HOLE MOUNT HALL EFFECT LATCH FOR HIGH TEMPERATURE 霍尔效应锁存高温
|
Diodes, Inc. 磁阻传感 DIODES[Diodes Incorporated] Diodes Inc.
|
CXOMHT |
High Temperature/High Stability/Fast Start-up/High Shock
|
STATEK CORPORATION
|
SS2PH9-E3_84A SS2PH9-E3_85A SS2PH9HE3_84A SS2PH9HE |
High-Voltage Surface Mount Schottky Barrier Rectifiers High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
HVS0805 HVS2010 |
High Voltage / High Temperature Thick Film Chip Resistors
|
Riedon Powertron
|