PART |
Description |
Maker |
STB155N3H6 STD155N3H6 |
N-channel 30 V, 2.5 mOhm, 80 A, D2PAK STripFET(TM) VI DeepGATE(TM) Power MOSFET N-channel 30 V, 2.5 mOhm, 80 A, DPAK STripFET(TM) VI DeepGATE(TM) Power MOSFET
|
ST Microelectronics
|
STH130N10F3-2 STFI130N10F3 STF130N10F3 |
N-channel 100 V, 7.8 mOhm typ., 120 A STripFET(TM) Power MOSFET in H2PAK-2 package N-channel 100 V, 7.8 mΩ typ., 120 A STripFET?III Power MOSFET in TO-220FP, I2PAKFP, H2PAK-2 and TO-220 packages N-channel 100 V, 8 mOhm typ., 46 A STripFET(TM) Power MOSFET in I2PAKFP package
|
STMicroelectronics ST Microelectronics
|
NTTFS4800NTAG NTTFS4800NTWG |
Power MOSFET 30V 28.6A 20 mOhm Single N-Channel u8FL 5 A, 30 V, 0.027 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
STP110N55F6 |
N-channel 55 V, 4.5 mOhm typ., 110 A STripFET F6 Power MOSFET in a TO-220 package
|
ST Microelectronics
|
NVMFD5852NL |
Power MOSFET 40V 44A 6.9 mOhm Dual N-Channel SO-8FL Logic Level
|
ON Semiconductor
|
STH245N75F3-6 |
Automotive-grade N-channel 75 V, 2.6 mOhm typ., 180 A STripFET F3 Power MOSFET in H2PAK-6 package
|
ST Microelectronics
|
STP105N3LL |
N-channel 30 V, 2.7 mOhm typ., 150 A, STripFET(TM) VII DeepGATE(TM) Power MOSFET in a TO-220 package
|
ST Microelectronics
|
STI300N4F6 |
Automotive switching applications N-channel 40 V, 1.7 mOhm, 160 A, STripFET(TM) VI DeepGATE(TM) Power MOSFET in a I2PAK package
|
STMicroelectronics ST Microelectronics
|
STH185N10F3-2 |
Automotive-grade N-channel 100 V, 3.9 mOhm typ., 180 A STripFET(TM) III Power MOSFET H2PAK-2 package
|
ST Microelectronics
|
SG200 MC07XSF517 |
Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
|
Freescale Semiconductor, Inc
|