PART |
Description |
Maker |
N25Q128A13BF840E N25Q128A23BF840E N25Q128A33BF840E |
16M X 8 FLASH 3V PROM, PDSO16 16M X 8 FLASH 3V PROM, PBGA24 128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
|
Numonyx B.V
|
MBM29LV160BE70TN MBM29LV160BE70TR MBM29LV160BE70PB |
16M (2M X 8/1M X 16) BIT 2M X 8 FLASH 3V PROM, 120 ns, PBGA48 KPT 23C 22#20 1#16 SKT PLUG 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16M (2M X 8/1M X 16) BIT 1M X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Central Semiconductor, Corp. Fujitsu, Ltd. Fujitsu Limited http:// Fujitsu Component Limited.
|
MBM29PL160BD-90PF MBM29PL160BD-90PFTN MBM29PL160BD |
16M (2M x 8/1M x 16) BIT 1M X 16 FLASH 3V PROM, 90 ns, PDSO44 16M (2M x 8/1M x 16) BIT 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 Modular Connector 122 x 32 pixel format, LED Backlight available
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
HY27US08561A HY27US16561A HY27SS08561A HY27SS16561 |
256Mbit (32Mx8bit / 16Mx16bit) NAND Flash 32M X 8 FLASH 1.8V PROM, 35 ns, PBGA63 9 X 11 MM, 1 MM HEIGHT, LEAD FREE, FBGA-63 32M X 8 FLASH 1.8V PROM, 35 ns, PDSO48 12 X 20 MM, 1.20 MM HEIGHT, TSOP1-48 32M X 8 FLASH 1.8V PROM, 35 ns, PBGA63 9 X 11 MM, 1 MM HEIGHT, FBGA-63 32M X 8 FLASH 1.8V PROM, 35 ns, PDSO48 12 X 17 MM, 0.65 MM HEIGHT, LEAD FREE, USOP1-48 32M X 8 FLASH 1.8V PROM, 35 ns, PDSO48 12 X 17 MM, 0.65 MM HEIGHT, USOP1-48 16M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 12 X 17 MM, 0.65 MM HEIGHT, USOP1-48 32M X 8 FLASH 3.3V PROM, 30 ns, PBGA63 16M X 16 FLASH 1.8V PROM, 35 ns, PBGA63
|
Hynix Semiconductor, Inc. HYNIX SEMICONDUCTOR INC
|
S29GL128S10TFIV10 S29GL128S10DHIV10 S29GL128S10TFI |
16M X 8 FLASH 2.7V PROM, 100 ns, PDSO56 14 X 20 MM, LEAD FREE, MO-142BEC, TSOP-56 16M X 8 FLASH 2.7V PROM, 100 ns, PBGA64 9 X 9 MM, HALOGEN FREE AND LEAD FREE, FBGA-64 16M X 8 FLASH 2.7V PROM, 110 ns, PDSO56 14 X 20 MM, LEAD FREE, MO-142BEC, TSOP-56 64M X 8 FLASH 2.7V PROM, 100 ns, PBGA64
|
Spansion, Inc. SPANSION LLC
|
MX25L1605AM2I-12 MX25L1605AMC-12 MX25L1605AMC-15 |
16M X 1 FLASH 2.7V PROM, PDSO8 16M X 1 FLASH 2.7V PROM, PDSO16
|
MACRONIX INTERNATIONAL CO LTD
|
MBM29F017A-12 MBM29F017A-12PFTR MBM29F017A-70 MBM2 |
CAT5E PATCH CORD, 20FT ORANGE, MOLDED 1,600米8)位 16M (2M X 8) BIT 2M X 8 FLASH 5V PROM, 90 ns, PDSO40 16M (2M X 8) BIT 2M X 8 FLASH 5V PROM, 70 ns, PDSO40 CAT5E PATCH CORD, 100FT ORANGE, MOLDED 2.2A, 2.7-5.5V Single Hot-Swap IC Hi-Side MOSFET, Fault Report, Act-High Enable 8-PDIP -40 to 85 CAT 5E BULK CABLE 100 MHZ,SHLD,PVC-BLUE
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
AM29LV160BT-90WCC AM29LV160BT-90EE AM29LV160BT-90S |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 90 ns, PBGA48 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 1M X 16 FLASH 3V PROM, 90 ns, PDSO44 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 1M X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
M58LT256JST8ZA6F |
16M X 16 FLASH 1.8V PROM, 85 ns, PBGA64
|
STMICROELECTRONICS
|
M58LT256JST8ZA6E |
16M X 16 FLASH 1.8V PROM, PBGA64
|
|
M25P128-VME6P |
16M X 8 FLASH 2.7V PROM, PDSO8
|
STMICROELECTRONICS
|
|