PART |
Description |
Maker |
PH3230S PH3230S115 |
N-channel Trenchmos (tm) logic level FET; Package: SOT669 (LFPAK); Container: Tape reel smd 107 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, MO-235AA N-channel TrenchMOS logic level FET N-channel TrenchMOS⑩ logic level FET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PHP191NQ06LT PHB191NQ06LT |
Logic level N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOS technology PHP/PHB191NQ06LT; N-channel Trenchmos (tm) logic level FET
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PHD108NQ03LT PHB108NQ03LT PHP_PHB_PHD108NQ03LT-02 |
TrenchMOS(tm)logic level FET From old datasheet system TrenchMOS TM logic level FET TrenchMOS logic level FET 75 A, 25 V, 0.0075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
FDD24AN06LA0 |
60V N-Channel Logic Level PowerTrench MOSFET N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
FDB6030BL FDB6030BLNL |
N-Channel Logic Level PowerTrench MOSFET N-Channel Logic Level PowerTrench MOSFET From old datasheet system N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor
|
HUF76633S3S HUF76633P3 HUF76633S3ST HUF76633S3STNL |
38A,100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 39A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 39A条(丁)|63AB 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Intersil, Corp.
|
PHU108NQ03LT PHU108NQ03LT127 PHB108NQ03LT PHD108NQ |
N-channel TrenchMOS logic level FET 75 A, 25 V, 0.0075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 PLASTIC, IPAK-3 N-channel TrenchMOS logic level FET
|
NXP Semiconductors N.V.
|
AIC1720 AIC1720-30 AIC1720-30CS AIC1720-30CX AIC17 |
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-CDIP -55 to 125 CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-SOIC -55 to 125 CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-TSSOP -55 to 125 100mA Low Dropout Linear Regulator 100mA的低压差线性稳压器 CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-SO -55 to 125 100mA的低压差线性稳压器
|
Analog Integrations Corporation AIC[Analog Intergrations Corporation] Analog Integrations, Corp.
|
PSMN9R0-25MLC PSMN9R0-25MLC-15 |
N-channel 25 V 8.65 mili ohm logic level MOSFET in LFPAK33 N-channel 25 V 8.65 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
|
NXP Semiconductors
|
PHD69N03LT PHP69N03LT PHB69N03LT PHB69N03LT/T3 |
69 A, 25 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET N-channel TrenchMOS transistor Logic level FET(N沟道TrenchMOS 晶体管逻辑电平场效应管) N-channel TrenchMOS transistor Logic level FET(N娌??TrenchMOS ?朵?绠¢?杈??骞冲????绠々
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
NTP27N06L-D NTB27N06L NTP27N06L |
Power MOSFET 27Amps, 60 Volts,Logic Level N-Channel TO-220(27A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 27 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 27 Amps, 60 Volts, Logic Level N-Channel TO-220 and D2PAK
|
ITT, Corp. ON Semiconductor
|
HUFA76407DK8T HUFA76407DK8 |
3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 3800 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA 3.5A/ 60V/ 0.105 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET 3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|