PART |
Description |
Maker |
HCT7000MTXV HCT7000 HCT7000M HCT7000MTX |
N- Channel En hance ment Mode MOS Transistor N- Channel Enhancement Mode MOS Transis tor
|
List of Unclassifed Manufacturers ETC[ETC] OPTEK Technologies
|
NTLUD3191PZTAG NTLUD3191PZTBG NTLUD3191PZ |
Dual P-Channel 20 V MOSFET 1100 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET Power MOSFET −20 V, −1.8 A, Cool Dual P−Channel, ESD, 1.6x1.6x0.55 mm UDFN Package
|
ON Semiconductor
|
BSS138DW09 BSS138DW-7-F |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR MOSFET DUAL N-CHAN 50V SOT363 200 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
NTHD5902T1 NTHD5902T1-D |
Power MOSFET Dual N-Channel ChipFET 2.9 Amps, 30 Volts Power MOSFET Dual N-Channel ChipFET TM(双N沟道ChipFET TM功率MOSFET) 2900 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
FDML7610S |
30V Asymmetric Dual N-Channel MOSFET PowerTrenchPower Stage Dual N-Channel PowerTrench? MOSFET N-Channel: 30 V, 30 A, 7.5 mΩ N-Channel: 30 V, 28 A, 4.2 mΩ
|
Fairchild Semiconductor
|
FDS8960C0511 FDS8960C |
35V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench㈢ MOSFET Dual N & P-Channel PowerTrench? MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
NTHD4502N NTHD4502NT1 NTHD4502NT1G |
Power MOSFET 30 V, 2.9 A, Dual N-Channel, ChipFET™ POWER MOSFET 30 V, 3.9 A, DUAL N−CHANNEL CHIPFET Power MOSFET 30 V, 3.9 A, Dual N−Channel ChipFET 2200 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ONSEMI[ON Semiconductor]
|
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
FDMA6023PZT |
-20V Dual P-Channel PowerTrench® MOSFET; 6-MicroFET 3600 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp.
|
DMG1024UV DMG1024UV-7 DMG1024UV-15 |
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET 1390 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET GREEN, PLASTIC PACKAGE-6
|
Diodes Incorporated Diodes, Inc.
|
ZXMP6A18DN8NBSP ZXMP6A18DN8 ZXMP6A18DN8TC ZXMP6A18 |
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 3.7 A, 60 V, 0.055 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
|