PART |
Description |
Maker |
3PF0 |
(3PF0 / 3PF8) RECTIFIE
|
Semtech Corporation
|
AG-320240D |
320 x 240 dots 1/240 Duty
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
TISP4240L3AJR TISP4220L3AJ TISP4220L3AJR |
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS 240 V, 1.6 A, SILICON SURGE PROTECTOR, DO-214AC
|
Bourns, Inc. Bourns Electronic Solut...
|
VSKJL240-20S30 VSKEL240-14S20 |
240 A, 2000 V, SILICON, RECTIFIER DIODE 250 A, 1400 V, SILICON, RECTIFIER DIODE
|
VISHAY INTERTECHNOLOGY INC
|
300UF160AYPD 70UF160AYPD 300U30A 300U 300U80A 300U |
STANDARD RECOVERY DIODES Stud Version 标准恢复二极管螺柱版 320 x 240 pixel format, Uses bare die driver IC 标准恢复二极管螺柱版 320 x 240 pixel format, Chip-On-Glass Technology 标准恢复二极管螺柱版 STANDARD RECOVERY DIODES 250A 标准恢复二极50A 240 x 64 pixel format, CFL, LED, or EL Backlight available 标准恢复二极管螺柱版
|
IRF[International Rectifier] International Rectifier, Corp. MtronPTI
|
FFPF10U40S FFPF10U40STU |
240 x 64 pixel format, LED, or EL Backlight available 10 A, 400 V, SILICON, RECTIFIER DIODE 10A/400V Ultra Fast Recovery Rectifiers
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
10-89-7562 10-89-7560 10-89-7561 10-89-7060 10-89- |
CGrid VT Bkwy Hdr 15 SAu 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 6Ckt (240/110) 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER STRIP 30X2 STRT, & 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 76Ckt (240/110) 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 38Ckt (240/110) 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Multipole Connector; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 28Ckt (240/110) 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 18Ckt (240/110) 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 48Ckt (240/110) 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 22Ckt (240/110) 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 36Ckt (240/110) 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 46Ckt (240/110) 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10897341 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 38Ckt (240/110) 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER, 12-PIN, DUAL ROW, OPEN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 74Ckt (240/110) 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 58Ckt (240/110) 58 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 52Ckt (240/110) 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10897720 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONNECTOR HEADER 2X16 THRU-HOLE Multipole Connector; Number of Contacts:30; Pitch Spacing:2.54mm; Number of Rows:2; Gender:Header; Series:70280; Body Material:Polyester, Glass-filled; Contact Plating:Gold; Mounting Type:Straight PCB Thru Hole CGrid VT Bkwy Hdr 15 SAu 36Ckt (240/110) CGrid VT Bkwy Hdr Tin 36Ckt (240/110)
|
Molex, Inc. MOLEX INC
|
CSD2475 CSD2410 CY7C1372BV25 CSD2425 CSE2490 CSD24 |
512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture 10-90Amp 120/240 Vac AC OUTPUT 10-90Amp 120/240 Vac AC OUTPUT
|
List of Unclassifed Manufacturers ETC[ETC] CYPRESS N.A.
|
HYS72T512341HKP HYS72T512341HJP HYS72T512341HHP HY |
240-Pin Registered DDR2 SDRAM Modules 512M X 72 DDR DRAM MODULE, DMA240 240-Pin Registered DDR2 SDRAM Modules 240针DDR2 SDRAM的注册模
|
Qimonda AG
|
KDZ2.0EV KDZ3.0EV KDZ4.7EV KDZ6.8EV KDZ4.3EV KDZ5. |
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION/ REFERENCE VOLTAGE) ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE) surface mount silicon Zener diodes 硅表面贴装齐纳二极管 240 x 320 pixel format, White Edge LED backlight 稳压二极管外延硅平面二极管(恒压规例,参考电压) 40 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 40 个字x 1 线5 x 7 点阵字符和光
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings http://
|
3EZ240D1 3EZ240D10 3EZ300D10 |
3 watt Surmetic 30 silicon zener diode. Nom zener voltage 240 V. 1% tolerance. 3 watt Surmetic 30 silicon zener diode. Nom zener voltage 240 V. 10% tolerance. 3 watt Surmetic 30 silicon zener diode. Nom zener voltage 300 V. 10% tolerance. 3 watt Surmetic 30 silicon zener diode. Nom zener voltage 300 V. 1% tolerance.
|
Motorola
|
ADSP-21060CZZ-133 ADSP-21060CWZ-133 ASDP-21060CZZ- |
48-BIT, 33.3 MHz, OTHER DSP, CQFP240 LEAD FREE, THERMALLY ENHANCED, HEAT SINK, CERAMIC, QFP-240 48-BIT, 33.3 MHz, OTHER DSP, CQFP240 LEAD FREE, THERMALLY ENHANCED, METRIC, HEAT SINK, CERAMIC, QFP-240 48-BIT, 33.33 MHz, OTHER DSP, CQFP240 ROHS COMPLIANT, CERAMIC, QFP-240 48-BIT, 33.3 MHz, OTHER DSP, CQFP240 THERMALLY ENHANCED, METRIC, HEAT SINK, CERAMIC, QFP-240 48-BIT, 33.33 MHz, OTHER DSP, CQFP240 CERAMIC, QFP-240 SHARC Processor SHARC Processor
|
Analog Devices, Inc.
|
|