PART |
Description |
Maker |
S29GL032N11TAIV13 2N11FAIV22 S29GL032N70BAI43 S29G |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 2M X 16 FLASH 3V PROM, 110 ns, PDSO56 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 2M X 16 FLASH 3V PROM, 70 ns, PBGA64 2M X 16 FLASH 3V PROM, 90 ns, PDSO48 4M X 16 FLASH 3V PROM, 70 ns, PBGA48 4M X 16 FLASH 3V PROM, 90 ns, PBGA48
|
Spansion, Inc. SPANSION LLC
|
AM29LV800DB-70EF AM29LV800DB-90EF AM29LV800DB-70WC |
Flash Memory IC; Memory Size:8Mbit; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70nS; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 70 ns, PDSO48 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 512K X 16 FLASH 3V PROM, 120 ns, PDSO44 512K X 16 FLASH 3V PROM, 90 ns, PDSO44
|
Spansion, Inc. SPANSION LLC
|
S29GL128M10TAIR10 S29GL128M10TAFR93 S29GL128M10TAF |
8M X 16 FLASH 3V PROM, 100 ns, PDSO56 MO-142EC, TSOP-56 8M X 16 FLASH 3V PROM, 100 ns, PDSO56 TSOP-56 8M X 16 FLASH 3V PROM, 110 ns, PDSO56 LEAD FREE, MO-142EC, TSOP-56 8M X 16 FLASH 3V PROM, 100 ns, PDSO56 LEAD FREE, MO-142EC, TSOP-56 16M X 16 FLASH 3V PROM, 110 ns, PBGA64 18 X 12 MM, FORTIFIED, BGA-64 256 Megabit, 3.0 Volt-only Page Mode Flash Memory 16M X 16 FLASH 3V PROM, 110 ns, PBGA64 4M X 16 FLASH 3V PROM, 90 ns, PDSO56 4M X 16 FLASH 3V PROM, 100 ns, PDSO48 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 2M X 16 FLASH 3V PROM, 110 ns, PBGA64
|
Spansion, Inc. SPANSION LLC
|
GLS37VF040-70-3C-NHE SST37VF020-70-3C-PHE SST37VF0 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 128K X 8 FLASH 2.7V PROM, 70 ns, PDIP32
|
SILICON STORAGE TECHNOLOGY INC
|
PA28F008SC-90 E28F008SC-150 PA28F008SC-170 |
1M X 8 FLASH 3.3V PROM, 90 ns, PDSO44 13.30 X 28.20 MM, PLASTIC, SOP-44 1M X 8 FLASH 3.3V PROM, 150 ns, PDSO40 1M X 8 FLASH 3.3V PROM, 170 ns, PDSO44
|
Intel, Corp. INTEL CORP
|
M29F200FB55N6F2 M29F800FB55N3F2 M29F800FB55N3S2 M2 |
128K X 16 FLASH 5V PROM, 55 ns, PDSO48 512K X 16 FLASH 5V PROM, 55 ns, PDSO48 1M X 16 FLASH 5V PROM, 55 ns, PDSO48 128K X 16 FLASH 5V PROM, 55 ns, PDSO44 256K X 16 FLASH 5V PROM, 55 ns, PDSO48
|
NUMONYX
|
MBM29LV160BE70TN MBM29LV160BE70TR MBM29LV160BE70PB |
16M (2M X 8/1M X 16) BIT 2M X 8 FLASH 3V PROM, 120 ns, PBGA48 KPT 23C 22#20 1#16 SKT PLUG 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16M (2M X 8/1M X 16) BIT 1M X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Central Semiconductor, Corp. Fujitsu, Ltd. Fujitsu Limited http:// Fujitsu Component Limited.
|
N25Q128A13BF840E N25Q128A23BF840E N25Q128A33BF840E |
16M X 8 FLASH 3V PROM, PDSO16 16M X 8 FLASH 3V PROM, PBGA24 128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
|
Numonyx B.V
|
M25P32-VMW6G M25P32-VMP6G M25P32-VMW6P |
4M X 8 FLASH 2.7V PROM, PDSO8 0.208 INCH, ROHS COMPLIANT, PLASTIC, SOP-8 4M X 8 FLASH 2.7V PROM, DSO8
|
Numonyx Asia Pacific Pte, Ltd.
|
HY29LV160TT-12 HY29LV160TF-12 HY29LV160TT-70 HY29L |
16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PDSO48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
|