PART |
Description |
Maker |
MSU2051S16-YYYJ MSU2051L16-YYYJ MSU2051C40-YYYJ MS |
8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 PLASTIC, LCC-44 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQCC44 PLASTIC, LCC-44 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PQCC44 PLASTIC, LCC-44 8-BIT, MROM, 16 MHz, MICROCONTROLLER, UUC43 DIE-43 8-BIT, MROM, 40 MHz, MICROCONTROLLER, UUC43 DIE-43 8-BIT, MROM, 25 MHz, MICROCONTROLLER, UUC43 DIE-43 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PDIP40 0.600 INCH, PLASTIC, DIP-40 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP44 LQFP-44 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP44 PLASTIC, QFP-44 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PQFP44 LQFP-44 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40 0.600 INCH, PLASTIC, DIP-40 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PQFP44 PLASTIC, QFP-44 low working voltage 16 MHz ROM less MCU 低工作电压低6兆赫ROM的单片机
|
Mosel Vitelic, Corp.
|
ST7FLITE-SK/RAIS ST7PLITE02F0U6TR ST7PLITES5Y0M6 S |
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 8-BIT, MROM, 16 MHz, MICROCONTROLLER, QCC20 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDSO16 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP16
|
STMicroelectronics
|
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
SAB80C517-16-N-T40/85 SAB80C537-M16 SAB80C517-M-T4 |
8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQFP100 High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125 高速CMOS逻辑83态输出通用变换缓存SOIC-20封装 工作温度55℃_125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC84 High Speed CMOS Logic 8-Input NAND Gate 14-PDIP -55 to 125 8位CMOS单芯片微控制 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC84
|
Siemens Semiconductor Group SIEMENS AG INFINEON TECHNOLOGIES AG SIEMENS A G http://
|
TSC80C51CXXX-L20CBB TSC80C51XXX-30CDB ATMELCORP-TS |
8-BIT, MROM, 20 MHz, MICROCONTROLLER, PQCC44 8-BIT, MROM, 30 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 20 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 25 MHz, MICROCONTROLLER, UUC40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
GMS90C54-GBXXXQ24 GMS90C58-GBXXXQ24 GMS90C54-GBXXX |
8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PDIP40 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQCC44 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
HYNIX SEMICONDUCTOR INC
|
LC866008A LC866012A LC866016A LC866020A LC866016AD |
8-BIT, MROM, MICROCONTROLLER, PDIP64 CMOS LSI 8-Bit Single Chip Microcomputer From old datasheet system 8-BIT, MROM, 12.24 MHz, MICROCONTROLLER, PDIP64
|
SANYO[Sanyo Semicon Device]
|
TSC251A1XXX-A12ADD TSC251A1XXX-A16ADD TSC251A1XXX- |
8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44
|
TEMIC SEMICONDUCTORS ATMEL CORP
|
MB89530A MB89537ACP MB89537APF MB89537ACPFM |
8-BIT, MROM, 12.5 MHz, MICROCONTROLLER, PQFP64 8-BIT, MROM, 12.5 MHz, MICROCONTROLLER, PDIP64 8-bit Microcontroller
|
Fujitsu Component Limited. Fujitsu Media Devices Limited
|
P83C652EBA/XXX-T P83C652EHA/XXX-T P83C652IBA/XXX-T |
8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQCC44 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
|