PART |
Description |
Maker |
HI1-574AJD-5 HI3-574AKN-5 HI3-574AKN-5Z HI3-574AJN |
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP SUCCESSIVE APPROXIMATION ADC, PDIP28
|
Intersil Corporation Intersil, Corp.
|
CA3304 CA3304A CA3304AD CA3304AE CA3304AM CA3304D |
4-Bit, 25 MSPS, Flash A/D Converters 1-CH 4-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO16 4-Bit, 25 MSPS,
Flash A/D Converters(4位、采样速率25MSPS、闪速A/D转换 4-Bit / 25 MSPS / Flash A/D Converters From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
SXN15-48S05J SXN15-48S1V8J SXN15-48S2VJ SXN15-48S3 |
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
|
Emerson Network Power
|
SMT15E SMT15E-05S2V5 SMT15E-05S3V3 |
DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
|
Artesyn Technologies
|
IRF7822PBF IRF7822TRPBF |
N-Channel Application-Specific MOSFETs HEXFET㈢ Power MOSFET for DC-DC Converters HEXFET? Power MOSFET for DC-DC Converters
|
International Rectifier
|
FC150S6R5 FC050S6R59 FC150S6R59 FC050S6R5 |
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W Power Modules DC/DC Converters
|
ETC[ETC] Agere
|
175T48 GS175T48-5E GS120 GS120T48-3.3 GS120T48-3.3 |
128 x 128 pixel format, LED or EL Backlight available 120W/175W的DC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175WDC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175W的DC - DC转换器家 120 W / 175 W DC-DC CONVERTERS FAMILY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
E05-XXX E05-10M E05-10M1 E05-10P3 E05-10T E05-11M |
5 Watt Wide Input DC to DC Converters 5瓦特宽输入直流直流转换器 5 WATT WIDE INPUT DC TO DC CONVERTERS 5瓦宽输入直流直流变换 120VAC ADAPT-LGT BASE
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Unknow
|
TC1219 TC1219ECH TC1220ECH TC1220 TC1219ECHTR TC12 |
The TC1219/1220 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input ... The TC1219/1220 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 2.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequenc (TC1220) Switched Capacitor Voltage Converters with Shutdown in SOT Packages (TC1219) Switched Capacitor Voltage Converters with Shutdown in SOT Packages Switched Capacitor Voltage Converters with Shutdown in SOT Packages 开关电容电压转换器与关机采用SOT封装
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|