PART |
Description |
Maker |
EUP2588 |
4 Strings High Current White LED Driver with Boost Controller
|
Eutech Microelectronics Inc
|
MAX8790 MAX8790ETP |
Six-String White LED Driver with Active Current Balancing for LCD Panel Applications The MAX8790 is a high-efficiency driver for white-light-emitting diodes (LEDs). It is designed for l
|
Maxim Integrated Products
|
SC441 |
High Effi ciency Integrated Driver for 4-Strings of 150mA LEDs 高艾菲布缺陷集成驱动450mA的LED的弦
|
Semtech Corporation Semtech, Corp.
|
HT7939-16 |
High Current and Performance White LED Driver
|
Holtek Semiconductor In...
|
HT7939 |
High Current and Performance White LED Driver
|
http:// Holtek Semiconductor Inc
|
CAT4139TD-GT3 |
22 V High Current Boost White LED Driver
|
ON Semiconductor
|
CAT4139TD-GT3 |
22V High Current Boost White LED Driver
|
ON Semiconductor
|
KB4314 KB4314GRE |
High Efficiency, Constant Current 1 Watt Boost White-LED Driver
|
Kingbor Technology Co
|
MG90V2YS40 |
WIRE, ETFE, TEFZEL, 14AWG, WHITE, 100M; Area, conductor CSA:1.675mm2; Conductor make-up:37/0.250; Voltage rating, AC:600V; Current rating:23A; Colour, primary insulation:White; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
|
Toshiba Corporation Toshiba Semiconductor
|
MG75Q2YS40 E002411 |
WIRE, ETFE, TEFZEL, 12AWG, WHITE, 100M; Area, conductor CSA:3.022mm2; Conductor make-up:37/0.320; Voltage rating, AC:600V; Current rating:35A; Colour, primary insulation:White; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS) From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
5962-8968302HXX 5962-8968303HXX 5962-8968303HZX 59 |
White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump 800mA, 2MHz, PWM DC-to-DC Step-Down Converter with Reset DC-to-DC Voltage Converter 型DC - DC电压转换
|
Rochester Electronics, LLC
|