PART |
Description |
Maker |
AD7731 AD7731BR AD7731BRU AD7731BN |
Low Noise/ High Throughput 24-Bit Sigma-Delta ADC Low Noise, High Throughput 24-Bit Sigma-Delta ADC 6-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24 Low Noise, High Throughput 24-Bit Sigma-Delta ADC 6-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDIP24
|
Analog Devices, Inc.
|
CS5560 CS5560-ISZ |
【2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ツヒ ADC
|
Cirrus Logic
|
CS556009 |
隆戮2.5 V / 5 V, 50 kSps, 24-bit, High-throughput 楼?楼? ADC
|
Cirrus Logic
|
CS5571-ISZ |
±2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ΔΣ ADC
|
Cirrus Logic
|
AD7732BRU |
2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
|
Analog Devices, Inc.
|
DS31256 |
256-Channel, High-Throughput HDLC Controller
|
Maxim Integrated Products
|
ATTINY26 ATTINY26-16MC ATTINY26-16MI ATTINY26-16PC |
8-bit Microcontroller with 2K Bytes Flash 2K Flash Program Memory, 160 Bytes SRAM, 128 Bytes EEPROM, 11 Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 8 MIPS throughput at 8 MHz. 3-volt operation 2K Flash Program Memory, 128 Bytes SRAM, 128-Byte EEPROM, 11-Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 16 MIPS throughput at 16 MHz 75 1% 1/16W 0402
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
AD7572A AD7572AAN03 AD7572AAN10 AD7572AAQ03 AD7572 |
LC MOS Complete, High Speed 12-Bit ADC GT 35C 35#16 PIN RECP AB 7C 7#16S PIN RECP LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
ISLA224S12 ISLA224S20 ISLA224S25 |
Dual 14-Bit, 125 MSPS JESD204B High Speed Serial Output ADC Dual 14-Bit, 200MSPS JESD204B High Speed Serial Output ADC Dual 14-Bit, 250MSPS JESD204B High Speed Serial Output ADC
|
Intersil
|