PART |
Description |
Maker |
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TC110301ECT TC110303ECT TC110331ECT TC110333ECT TC |
The TC110 is a step-up (Boost) switching controller that furnishes output currents as high as 300 mA while delivering a typical efficiency of 84%. The TC110 normally operates in pulse width modulation mode (PWM), but automatically switches The TC110 is a step-up (Boost) switching controller that furnishes output currents as high as 300 mA while delivering a typical efficiency ... PFM/PWM Step-Up DC/DC Controller 烤瓷/ PWM升压DC / DC控制
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|
AN6012 |
High Efficiency PWM Step-Down DC/DC Converter
|
ANT
|
RT8010GQW |
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
LMK325BJ226ML JMK212BJ106ML C2012X5R0J106M RT8058A |
1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
RT8059 |
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
RT8010BGQW RT8010B |
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
MAX1652/1655 |
High-Efficiency PWM Step-Down DC-DC Controllers in 16-Pin QSOP
|
Maxim Integrated Products, Inc.
|
MAX1652-MAX1655 |
High-Efficiency PWM Step-Down DC-DC Controllers in 16-Pin QSOP
|
Maxim Integrated Products, Inc.
|
MAX8566ETJ MAX8566 |
High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
|
MAXIM[Maxim Integrated Products]
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|