PART |
Description |
Maker |
10-45-1061 10-45-1051 10-45-1151 10-08-1091 10-45- |
Header; Number of Contacts:6; Pitch Spacing:5.08mm; Number of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 5Ckt 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 15Ckt 15 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 9=9X1 0.200" HEADER 9 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 9Ckt 9 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 10081131 13 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK HDR VT RPIN VRA 5sN 17CKT 17 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA 5Sn 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
10-89-1642 10-89-1562 10-89-2562 10-89-2141 10-88- |
64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
90130-3326 90130-3238 90130-3138 90130-3350 90130- |
C-Grid Shrd Hdr DR RA Au-F 26/26 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Au-E 38/38 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Tn-A 38/38 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Au-F 50/50 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.100 Pitch,R ANGLE PC TAIL Terminal,LOCKING MECH 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HDR 10 P RT ANG DUAL SHRD 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Au-F 18/18 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
71231-0021 71231-0113 71231-0013 71231-0107 71231- |
MINI FIT 12 CKT HEADER 712310021 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr SR W/Peg 8Ckt 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MINI FIT 8CKT HDER 712310013 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE 5CKT 30G MINIFIT HDR VT 712310107 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MINI FIT 4CKT HDER 712310105 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE 7CKT TIN MINIFIT HDR VT 712310011 7 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr SR Tin 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr SR Au 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HEADER 3POS .165 VERT TIN 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr Tin 5Ckt 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
98414-F06-18UA03 98414-F06-48UA03 98414-F06-38UA03 |
18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER ROHS COMPLIANT 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 31 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 39 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SHR HEADER 2.00 VERTICAL TMT
|
Bourns, Inc. Glenair, Inc. FCI connector
|
43915-1218 43915-1118 43915-1211 43915-1104 43915- |
MF Sr Hdr Assy DR 250 Vt 10 Ckt SGold 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MF Sr Hdr Assy DR 250 Vt 10 Ckt Tin 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MF Sr Hdr Assy DR 125 Vt 06 Ckt SGold 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER HEADER,12 POS, DUAL ROW, VERT,30A 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 439151207 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
790-028PJ-25P2MNA 790-028PL-6P6ZNUNB 790-028PL-6P6 |
Straight Printed Circuit Board Connectors 6 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 15 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 9 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 17 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 2 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 13 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 23 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
39900-0719 39901-0706 39900-0705 39900-0505 |
Connector; Pitch Spacing:0.15"; Mounting Type:PCB; Gender:Header; No. of Contacts:19; No. of Rows:1 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR 3.81CE 5 ASY RA 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
MOLC-1-36-31-L-Q-LC MOLC-1-06-31-L-Q-LC MOLC-1-06- |
144 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 104 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 188 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 112 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 196 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Samtec, Inc. SAMTEC INC
|
53612-S26-8LF 53612-G40-6 53612-G40-4 53612-G10-2 |
26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 100/2.54cc EJECT LATCH SHOROUDED VERTICAL HEADER
|
FCI connector
|
TMM-150-01-T-S TMM-150-03-T-D TMM-106-03-S-D TMM-1 |
CONN HEADER 50POS 2MM SNGL T/H 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm TERMINAL STRIP 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Samtec, Inc. SAMTEC INC
|
|