PART |
Description |
Maker |
ATV04A360JB-G ATV04A580J-G ATV04A580JB-G ATV04A7V0 |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=400Watts, V<sub>RWM</sub>=36V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=160V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=170V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=300V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=33V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=16V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=18V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=54V, Tolerance=5%
|
Comchip Technology
|
NS6A13AT3G |
600 Watt Peak Power Zener Transient Voltage Suppressor Unidirectional TVS SMA 600W 13V TVS DIODE
|
Rectron Semiconductor
|
P30KP100A P30KP90A P30KP320A P30KP320CA-LF P30KP70 |
30kW power tvs component 30000 W, UNIDIRECTIONAL, SILICON, TVS DIODE 30000 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Protek Devices
|
ATV30C100J-G ATV30C100JB-G ATV30C101J-G ATV30C101J |
Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=13V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=400V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=40V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=85V, Tolerance=5%
|
Comchip Technology
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
1.5KE36A-G 1.5KE36CA-G 1.5KE7.5A-G 1.5KE600CA-G 1. |
Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=30.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=6.4V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=513V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=70.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=9.4V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=11.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=43.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=85.5V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=8.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=20.5V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=23.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=10.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=40.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=33.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=12.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=64.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=15.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=28.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=25.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=53V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=58.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=376.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=18.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=36.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=470.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=94V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=102V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=111V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=214V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=427.5V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=77.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=13.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=7.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=128V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=145V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=299.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=5.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=185V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=154V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=136V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=17.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=47.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=171V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=513V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=444.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=6.4V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=342V, Tolerance=5%
|
Comchip Technology
|
30KPA54A 30KPA84A 30KPA84C 30KPA132CA 30KPA43 30KP |
Diode TVS Single Uni-Dir 54V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 84V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 84V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 132V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 43V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 30V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 320V 30KW 2-Pin Diode TVS Single Uni-Dir 400V 30KW 2-Pin Case P-600 Diode TVS Single Bi-Dir 30V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 42V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 51V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 51V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 58V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 60V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 60V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 288V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 144V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 72V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 198V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 72V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 71V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 66V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 66V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 108V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 108V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 102V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 102V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 132V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 78V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 78V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 198V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 64V 30KW 2-Pin Case P600 T/R
|
New Jersey Semiconductor
|
P6KE180CA P6KE20CA P6KE16CA P6KE24CA P6KE8V2CA P6K |
600W TRANSIENT VOLTAGE SUPPRESSOR 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-SSOP -40 to 85 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600W TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 18-Bit D-Type Flip-Flops with 3-State Outputs 56-SSOP -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Fairchild Semiconductor DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc. Vishay Intertechnology, Inc.
|
ESDA05C-4 |
LOW CAPACITANCE TVS ARRAY 80 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
SMP6LC15-2P |
LOW CAPACITANCE TVS ARRAY 3600 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
|