PART |
Description |
Maker |
MIC2215 MIC2215-PPPBML MIC2215-PMMBML MIC2215-AAAB |
4500 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN Replaced by PTH05060W : GT 24C 24#16 PIN PLUG Tirple High PSRR/ Low Noise uCap LDO Tirple High PSRR, Low Noise uCap LDO Tirple High PSRR Low Noise uCap LDO
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
P6KE200CA P6KE47CA P6KE30CA P6KE56CA P6KE33CA P6KE |
UNI AND BIDIRECTIONAL TYPES/ PEAK PULSEPOWER : 600W From old datasheet system TRANSIL TM UNI AND BIDIRECTIONAL TYPES PEAK PULSEPOWER : 600W UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W Octal Buffers/Drivers with 3-State Outputs 20-SSOP/QSOP -40 to 85 Single Output LDO, 200mA, Fixed(2.85V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 3-V to 5.5-V Multichannel RS-232 1-MBit/s Line Driver/Receiver 28-SOIC -40 to 85 Octal D-Type Registers with 3-State Outputs 20-SOIC -40 to 85 Single Output LDO, 1.0A, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-223 -40 to 125 Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 Single Output LDO, 1.0A, Fixed(5.0V), Low Noise, High PSRR 6-SOT-223 -40 to 125 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
LM1101N5 |
300mA High PSRR Low Noise LDO
|
Cystech Electonics Corp.
|
AP7340 |
150mA HIGH PSRR LOW NOISE LDO
|
Diodes
|
ISL9000AIRJRZ ISL9000AIRJMZ ISL9000AIRJCZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR, and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9011AIRNCZ ISL9011AIRNFZ ISL9011AIRNNZ ISL9011A |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
AP7340 AP7340-12FS4-7 AP7340-15FS4-7 AP7340-185FS4 |
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
|
Diodes Incorporated
|
ADM7150 |
800 mA, Ultra Low Noise/High PSRR LDO
|
Analog Devices
|
TS9007XCX5 TS9007 |
300mA Ultra-Low-Noise, High PSRR LDO Regulator
|
Taiwan Semiconductor Company, Ltd
|
YB1210ST89R120 YB1210ST25R120 YB1210ST23R120 YB121 |
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
|
YOBON TECHNOLOGIES,INC.
|
ISL9016IRUJCZ-T ISL9016IRUFBZ-T ISL9016IRUFCZ-T |
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
|
Renesas Electronics Corporation
|
|