PART |
Description |
Maker |
ISD380-9 ISD25-15 ISDF65-7 ISD320-16 ISDR320-22 IS |
380 A, 900 V, SILICON, RECTIFIER DIODE 25 A, 1500 V, SILICON, RECTIFIER DIODE 65 A, 700 V, SILICON, RECTIFIER DIODE 320 A, 1600 V, SILICON, RECTIFIER DIODE 320 A, 2200 V, SILICON, RECTIFIER DIODE 160 A, 1400 V, SILICON, RECTIFIER DIODE 65 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 1300 V, SILICON, RECTIFIER DIODE 380 A, 1200 V, SILICON, RECTIFIER DIODE 380 A, 1500 V, SILICON, RECTIFIER DIODE 380 A, 600 V, SILICON, RECTIFIER DIODE 380 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 500 V, SILICON, RECTIFIER DIODE 160 A, 900 V, SILICON, RECTIFIER DIODE 160 A, 1000 V, SILICON, RECTIFIER DIODE 160 A, 500 V, SILICON, RECTIFIER DIODE
|
|
C-DWEP9-12 T-DWEP9-12 W-DWEP9-12 C-DWEP49-12 T-DWE |
12 A, 1200 V, SILICON, RECTIFIER DIODE DIE-1 12 A, 1200 V, SILICON, RECTIFIER DIODE WAFER 77 A, 1200 V, SILICON, RECTIFIER DIODE 30 A, 1000 V, SILICON, RECTIFIER DIODE
|
IXYS, Corp. IXYS CORP
|
CS48-35N CS48-35D CS48-35M CS48-35P CS48-35PB CS48 |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-48
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
Z1SMA47 Z1SMA75 Z1SMA1 Z1SMA10 Z1SMA100 Z1SMA11 Z1 |
Surface mount Silicon-Zener Diodes (non-planar technology) 320 x 240 pixel format, Mechanical drop in to AGM3224S 43 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 320 x 240 pixel format, CFL backlight available with power harness 56 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 240 x 64 pixel format, LED, or EL Backlight available 17.95 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 320 x 240 pixel format, CFL backlight available with power harness 68 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
X37120B1N1 |
Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 80; VR / Leg (V): 1200; IFSM / Leg (A): 1500; 1200 V, SILICON, BRIDGE RECTIFIER DIODE
|
Microsemi, Corp.
|
CD411230 CD411630 |
Dual Diode 30 Amperes/1200-1600 Volts Dual Diode POW-R-BLOK Modules(30 Amperes/1200-1600 Volts) 30 A, 1200 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
P0320022C13 |
Heavy-Duty Power Splitter Y Cable, 15A, 14AWG (IEC-320-C20 to 2x IEC-320-C13), 2-ft
|
Tripp Lite. All Rights ...
|
APT60DQ120B APT60DQ120BG APT60DQ120S APT60DQ120SG |
Fast Recovery Epitaxial Diode; Package: D3 [S]; IO (A): 60; VR (V): 1200; trr (nsec): 30; VF (V): 2.8; Qrr (nC): 2800; 60 A, 1200 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Microsemi, Corp. Advanced Power Technology
|
P047010 |
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 10-ft
|
Tripp Lite. All Rights ...
|
TSMBJ0507C |
Transient Voltage Protection Device 75 to 320 Volts 130 V, 30 A, SILICON SURGE PROTECTOR, DO-214AA
|
Micro Commercial Components, Corp.
|
CM50DY-24H |
Dual IGBTMOD 50 Amperes/1200 Volts 50 A, 1200 V, N-CHANNEL IGBT
|
Powerex, Inc. Powerex Power Semiconductors
|
R5100410 R5100415 R5100315 R5100110 R5100115 R5100 |
150 A, 1200 V, SILICON, RECTIFIER DIODE, DO-8 General Purpose Rectifier (100-150 Amperes Average 1200 Volts) 通用整流器(100-150安培平均1200伏特 4 Pin, MFP, Phototransistor Detector, CTR 50 min @ 5mA, 5V Optocoupler 通用整流器(100-150安培平均1200伏特
|
POWEREX INC POWEREX[Powerex Power Semiconductors] Powerex, Inc. Harwin PLC
|
|