PART |
Description |
Maker |
PN5120A0ET PN5120A0HN PN5120A0HN1 PN512AA0HN1 |
Full NFC forum compliant solution (TFBGA64) Full NFC forum compliant solution, 8-bit parallel interface (HVQFN40) Full NFC forum compliant solution (HVQFN32) Full NFC forum compliant solution (AEC-Q100)
|
NXP Semiconductors
|
SLD-65018250X SLD-65018242X SLD-65018270X SLD-6501 |
COIL 33UH 600MA CHOKE SMD CABLE ASSEMBLY; N MALE TO N FEMALE BULKHEAD; 50 OHM, RG178B/U COAX; COIL 470UH 200MA CHOKE SMD General handling precautions 一般的处理措施 LEVER ARM FOR SWITCH 一般的处理措施 LIMIT SWITCH 240VAC 10A PLAST ZCP 一般的处理措施 COIL 3.3UH 1600MA CHOKE SMD 一般的处理措施
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd. DB Lectro, Inc. Molex, Inc.
|
FGP-1000 |
IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
|
Level One
|
RC-161WB-PCIE6S RC-161WB-PCIE6S1 RC-161WA-BP6S RC- |
Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
|
BOSER Technology Co., Ltd
|
C8051F341-GQ C8051F34B-GQ C8051F34B-GM C8051F342-G |
Full Speed USB Flash MCU Family 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, PQFP48 On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
|
Silicon Laboratories, Inc.
|
AS7C252MFT18A AS7C252MFT18A.V1.2 AS7C252MFT18A-85T |
2.5V 2M x 18 Flow-through synchronous SRAM 2M X 18 STANDARD SRAM, 10 ns, PQFP100 CARD READER 2 TRACK SWIPE RS232 CARD READER FULL INSERT USB CARD READER SNG TRACK MAN SWIPE CARD READER 3 TRACK FULL INSERT CARD READER FULL INSERT RS-232 From old datasheet system Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
APTGT30H170T3 |
Full Bridge - IGBT Full - Bridge Trench IGBT Power Module
|
ADPOW[Advanced Power Technology]
|
APTGF25H120T3 |
Full Bridge - IGBT Full - Bridge NPT IGBT Power Module
|
ADPOW[Advanced Power Technology]
|
MAX807 MAX807CPE MAX807CWE MAX807EPE MAX807EWE MAX |
Full-featured microprocessor supervisory circuit with -1.5% reset accuracy. Reset threshold (typ) 4.675V Full-Featured レP Supervisory Circuit with 1.5eset Accuracy 全功能レP监控电路与精度1.5eset Full-Featured レP Supervisory Circuit with .5eset Accuracy Full-Featured P Supervisory Circuit with 1.5eset Accuracy Full-Featured μP Supervisory Circuit with ±1.5% Reset Accuracy Full-featured microprocessor supervisory circuit with -1.5% reset accuracy. Reset threshold (typ) 4.575V
|
Maxim Integrated Products, Inc. Maixm MAXIM - Dallas Semiconductor
|
SI-8050E SI-8000E SI-8090E SI-B8050E SI-8120E |
Full-Mold, Separate Excitation Switching Type 0.61 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, ZFM5 Full-Mold Separate Excitation Switching Type Full-Mold/ Separate Excitation Switching Type
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|