PART |
Description |
Maker |
79RC32364 79RC32V364100DA 79RC32V364100DAI 79RC32V |
RISController Embedded 32-bit Microprocessor, based on RISCore32300 RISControllerTM Embedded 32-bit Microprocessor RC32364 Advanced 32-Bit RISC Embedded Microprocessor
|
http:// IDT[Integrated Device Technology]
|
HD6417750SVF133 HD6417750VF128 HD6417750SBP200 HD6 |
1.5V; 133MHz; 32-bit RISC microprocessor 1.5V; 128MHz; 32-bit RISC microprocessor 1.95V; 200MHz; 32-bit RISC microprocessor 1.8V; 167MHz; 32-bit RISC microprocessor 1.5V; 200MHz; 32-bit RISC microprocessor
|
Hitachi Semiconductor
|
TD7103F TMPZ84C00AP-10 TMPZ84C00AM-8 TMPZ84C00AT-8 |
TD71 SERIES, PRESCALER 8-BIT, 10 MHz, MICROPROCESSOR, PDIP40 8-BIT, 8 MHz, MICROPROCESSOR, PDSO40 8-BIT, 8 MHz, MICROPROCESSOR, PQCC44
|
|
MR80C86-2B 8405202QA |
CMOS 16-Bit Microprocessor 的CMOS 16位微处理 MB 31C 31#16 SKT REP 16-BIT, 8 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp.
|
MC68EC030FE40C MC68EC030FE25C MC68EC030FE25CB1 MC6 |
32-BIT, 40 MHz, MICROPROCESSOR, CQCC132 CERQUAD-132 32-BIT, 25 MHz, MICROPROCESSOR, CQCC132 CERQUAD-132 32-BIT, 25 MHz, MICROPROCESSOR, CQFP132 CERAMIC, QFP-132 32-BIT, 25 MHz, MICROPROCESSOR, CPGA128
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
80C88/883 80C88 |
Microprocessor, 8/16 Bit, CMOS, 883 Compliant, Process Speed 8MHz Microprocessor, 8/16 Bit, CMOS, Process Speed 5 and 8MHz Microprocessor 3.08V Reset Monitor, -40C to 125C, 3-SC-70, T/R 16位产品的CMOS微处理器
|
Intersil
|
5962R9572201QXC 5962R9572201VXC 5962R9572201VQC 59 |
Microprocessor, CMOS, 16-Bit, 8MHz, 500A, 12mA/MHz, Rad-Hard Radiation Hardened 16-Bit CMOS Microprocessor
|
Intersil Corporation
|
IS80C286-20 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 20 MHz, MICROPROCESSOR, PQCC68
|
Intersil, Corp.
|
KC80524NY450128 KP80526NY500128 |
32-BIT, 500 MHz, MICROPROCESSOR, CPGA495 Microprocessor 微处理器
|
INTEL CORP Glenair, Inc.
|
RM5231A RM5231A-250-H RM5231A-300-H RM5231A-300-HI |
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus RM5231A⑩ Microprocessor with 32-Bit System Bus Data Sheet Preliminary RM5231A Microprocessor with 32-Bit System Bus Data Sheet Preliminary
|
PMC[PMC-Sierra, Inc]
|
HI-674A HI3-574AJN-5 HI3-574AKN-5 HI3-574ALN-5 HI3 |
Complete, 12-Bit A/D Converters with Microprocessor Interface 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Complete, 12-Bit A/D Converters with Microprocessor Interface 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Complete, 12-Bit A/D Converters with Microprocessor Interface 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 Complete, 12-Bit A/D Converters with Microprocessor Interface 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 Circular Connector; No. of Contacts:17; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-29 RoHS Compliant: No AC 2C 2#0 PIN RECP BOX JT 53C 53#22 PIN PLUG Circular Connector; No. of Contacts:16; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-16 RoHS Compliant: No Complete, 12-Bit A/D Converters
with Microprocessor Interface(完备2 位A/D转换 128 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN Complete/ 12-Bit A/D Converters with Microprocessor Interface Complete 12-Bit A/D Converters with Microprocessor Interface From old datasheet system
|
HARRIS SEMICONDUCTOR Intersil, Corp. INTERSIL[Intersil Corporation] Holt Integrated Circuits
|
|