PART |
Description |
Maker |
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
SLDB101S10 SLDB107S |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Rectron Semiconductor RECTRON LTD
|
GS2M GS2B GS2G GS2J GS2K GS2A GS2D |
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
|
Micro Commercial Components Corp.
|
HER108G-AP HER103G HER107G HER101G |
1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 PLASTIC PACKAGE-2 1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp.
|
05110G0F 05110GOF |
Silicon Controlled Rectifier; Package: TO-65; IT (Av) (A): 50; VTM (V): 2.5; IH (mA): 200; VGT (V): 3; IGT (µA): 100000; Vrrm (V): 1000; 80 A, 1000 V, SCR, TO-208AC
|
Microsemi Corporation Microsemi, Corp.
|
1N5404GP 1N5402GP 1N5408GP 1N5407GP 1N5400GP 1N540 |
3 Amp Glass Passivated Rectifier 50 - 1000 Volts 3 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
GS1G-TP GS1M-TP GS1B GS1A-11 |
DIODE STD REC 1A 400V DO214AC 1 A, 400 V, SILICON, SIGNAL DIODE, DO-214AC DIODE STD REC 1A 1000V DO214AC 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-214AC 1 Amp Silicon Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
1N4007GPP 1N4006GPP |
GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1.0 AMP, 50 THRU 1000 VOLTS 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41
|
Central Semiconductor Corp. Vishay Intertechnology, Inc.
|
CS220-12P CS220-12B CS220-12D CS220-12M CS220-12N |
SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 1000 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP/ 200 THRU 1000 VOLTS
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
FM4004 FM4005 FM4001 FM4007 FM4003 FM4002 FM4006 |
GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere) 1 A, 600 V, SILICON, SIGNAL DIODE, DO-214AC GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere) 1 A, 100 V, SILICON, SIGNAL DIODE, DO-214AC
|
RECTRON[Rectron Semiconductor]
|
MTY14N100E_D ON2710 MTY14N100E MTY14N100 MTY14N100 |
TMOS POWER FET 14 AMPERES 1000 VOLTS RDS(on) = 0.80 OHM TMOS14安培,功率场效应晶体000伏特的RDS(on)\u003d 0.80欧姆 TMOS POWER FET 14 AMPERES 1000 VOLTS RDS(on) = 0.80 OHM 14 A, 1000 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA From old datasheet system TMOS E-FET Power Field Effect Transistor N-Channel Enhancement Mode Silicon Gate
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ON Semiconductor
|
|