PART |
Description |
Maker |
Z0103DA1AA2 Z0109DA |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
STMICROELECTRONICS
|
FT1613DH00TU |
400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
|
FT0607DH00TU FT0607MH00TU |
400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 600 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
|
FT2513DH00TU FT2513NH00TU |
400 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 800 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
|
BTA08B BTBA08-800B BTB08-400B |
Standard Triacs(标准双向可控 Transient Voltage Suppressor Diodes 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
意法半导 STMICROELECTRONICS
|
CQ218I-40N CQ218I-40B CQ218I-40D CQ218I-40M |
Connector assemblies, Network cables; 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 Connector assemblies, Network cables; 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 40 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
MAC97A4-18 MAC97-8-18 |
200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-226AA 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-226AA
|
MOTOROLA INC
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
934057053135 568-2193-2 Z0103MN/T3 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
|