PART |
Description |
Maker |
STB8N65M5 STI8N65M5 STF8N65M5 |
N-channel 650 V, 0.56 Ohm, 7 A MDmesh(TM) V Power MOSFET in D2PAK N-channel 650 V, 0.56 Ohm, 7 A MDmesh(TM) V Power MOSFET in I2PAK N-channel 650 V, 0.56 Ohm, 7 A MDmesh(TM) V Power MOSFET in TO-220FP
|
ST Microelectronics
|
STD11N65M2 STP11N65M2 STU11N65M2 |
N-channel 650 V, 0.6 Ohm typ., 7 A MDmesh II Plus(TM) low Qg Power MOSFET in DPAK package N-channel 650 V, 0.6 Ohm typ., 7 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220 package N-channel 650 V, 0.6 Ohm typ., 7 A MDmesh II Plus(TM) low Qg Power MOSFET in IPAK package
|
ST Microelectronics
|
STD6N65M2 STB6N65M2 |
Zener-protected N-channel 650 V, 1.2 Ohm typ., 4 A MDmesh M2 Power MOSFET in D2PAK package N-channel 650 V, 1.2 Ohm typ., 4 A MDmesh M2 Power MOSFET in DPAK package
|
STMicroelectronics ST Microelectronics
|
IXTA230N075T2-7 |
230 A, 75 V, 0.0042 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263
|
IXYS CORP
|
NX3008PBK NX3008PBK215 NX3008PBK-15 |
30 V, 230 mA P-channel Trench MOSFET SMALL SIGNAL, FET
|
NXP Semiconductors N.V.
|
STF20N65M5 STFI20N65M5 |
N-channel 650 V, 0.160 Ohm typ., 18 A MDmesh(TM) V Power MOSFET in TO-220FP package N-channel 650 V, 0.160 Ohm typ., 18 A MDmesh(TM) V Power MOSFET in I2PAKFP package
|
ST Microelectronics
|
STF10NM65N STD10NM65N STP10NM65N STU10NM65N |
N-channel 650 V - 0.43 Ω - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh?/a> Power MOSFET N-channel 650 V - 0.43 Ω - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh Power MOSFET N-channel 650 V - 0.43 ヘ - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STB16NK65Z-S |
13 A, 650 V, 0.5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
STMICROELECTRONICS
|
STP8N65M5 STD8N65M5 STI8N65M5 STF8N65M5 STB8N65M5 |
N-channel 650 V, 0.56 Ω, 7 A MDmesh?/a> V Power MOSFET N-channel 650 V, 0.56 Ω, 7 A MDmesh V Power MOSFET
|
STMicroelectronics
|
12N60L-X-TA3-T 12N60G-X-TA3-T 12N60G-X-TF1-T 12N60 |
12 Amps, 600/650 Volts N-CHANNEL MOSFET
|
Unisonic Technologies
|
5N60L-X-TA3-T 5N60L-X-TM3-T 5N60G-X-TA3-T 5N60L-X- |
4.5 Amps, 600/650 Volts N-CHANNEL MOSFET
|
Unisonic Technologies
|