PART |
Description |
Maker |
MAX13181EELBT MAX13182EELBT MAX13184EELB MAX13183E |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in µDFN
|
MAXIM - Dallas Semiconductor
|
ADM2491EBRWZ ADM2491EBRWZ-REEL7 |
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver; No of Pins: 16; Temperature Range: Industrial High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
|
ANALOG DEVICES INC
|
ADM3491ARUZ-REEL ADM3491ARU-REEL7 |
LINE TRANSCEIVER, PDSO16 3.3V, Full Duplex, 10Mbps, EIA RS-485 Transceiver
|
ANALOG DEVICES INC
|
ADM2490EBRWZ ADM2490E-15 ADM2490E-VA |
High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
|
Analog Devices
|
SP3490CN-L SP3490CN-L/TR SP3490EN-L-TR SP3490EN-LS |
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate LINE TRANSCEIVER, PDSO14
|
Exar Corporation
|
ENC151D-14A ENC201D-14A ENC361D-14A ENC221D-14A EN |
Adjustable Quad Sequencer; Temperature Range: -40°C to 85°C; Package: 14-SOIC 5V, Full Duplex, 250kbps Slew Rate Limited With Enable, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-PDIP ±15kV ESD Protected, 3V To 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 18-SOIC 5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 5V, Full Duplex, 5Mbps With Enable, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-TSSOP Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-TSSOP 性病检验手 STD MOV 性病检验手 Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手 5V, Full Duplex, 250kbps Slew Rate Limited With Enable, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-PDIP 性病检验手 5V, Full Duplex, 5Mbps With Enable, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 性病检验手
|
Fuji Electric Holdings Co., Ltd. HIROSE ELECTRIC Co., Ltd.
|
MAX1486CUB-T MAX1481EUB |
Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in µMAX Package LINE TRANSCEIVER, PDSO10
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
ISL8148504 ISL81485IBZ ISL81485IUZ ISL81485 |
5V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-MSOP LINE TRANSCEIVER, PDSO8 5V, 30Mbps, RS-485/RS-422 Transceiver(5V, 30Mbps, RS-485/RS-422收发
|
Intersil, Corp. Intersil Corporation
|
ADM4853ACP-REEL7 ADM4853AR ADM4853AR-REEL7 ADM4850 |
Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate
|
Analog Devices
|
SP483E_05 SP483E SP483ECN SP483ECP SP483EEN SP483E |
LINE TRANSCEIVER, PDSO8 LINE TRANSCEIVER, PDIP8 Enhanced Low EMI Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
ADM3071E ADM3070EYRZ-REEL7 ADM3072E ADM3073EARZ AD |
3.3 V, 【15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
AD[Analog Devices]
|
|