PART |
Description |
Maker |
I4511DY |
Trans MOSFET N/P-CH 20V 7.2A/4.6A 8-Pin SOIC N
|
Vishay Siliconix
|
SI7110DN-T1-E3 |
Trans MOSFET N-CH 20V 13.5A 8-Pin PowerPAK 1212 T/R
|
Vishay Siliconix
|
SI5908DC-T1-E3 |
Trans MOSFET N-CH 20V 4.4A 8-Pin Chip FET T/R
|
Vishay Siliconix
|
SI8902EDB-T2 |
Trans MOSFET N-CH 20V 3.9A 6-Pin Micro Foot T/R
|
Vishay Siliconix
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
FDS6911 |
Fast switching speed, Low gate charge Dual N-Channel Logic Level PowerTrench? MOSFET 20V, 7.5A, 13mΩ Dual N-Channel Logic Level PowerTrench㈢ MOSFET 20V, 7.5A, 13mヘ Dual N-Channel Logic Level PowerTrench??MOSFET 20V, 7.5A, 13m??/td>
| SOP
|
List of Unclassifed Manufacturers FAIRCHILD[Fairchild Semiconductor]
|
EMH2604 |
Power MOSFET, 20V, 4A, 45mOhm, -20V, -3A, 85mOhm, Complementary Dual EMH8
|
ON Semiconductor
|
SUP15P01-52 SUB15P01-52 |
Trans MOSFET P-CH 8V 15A 3-Pin(3 Tab) TO-220AB Trans MOSFET P-CH 8V 15A 3-Pin(2 Tab) TO-263
|
Vishay Siliconix
|
SUB85N10-10-E3 SUP85N10-10-E3 |
Trans MOSFET N-CH 100V 85A 3-Pin(2 Tab) TO-263 Trans MOSFET N-CH 100V 85A 3-Pin(3 Tab) TO-220AB
|
Vishay Siliconix
|
SL1222101-A SL1222101-B |
TRANS,WALL,24VDC/400mA,F2, 2.1mm x 5.5mm,UL 50/cs 电路保护热敏电阻 TRANS,WALL,24VDC/500mA,F1 2.1mmX5.5mm,UL TRANS,WALL,18VDC/1A,F2,2.5X5.5 ,2 PRNG AC,LIN NON-REG
|
Ametherm, Inc.
|
FDG6332C FDG6332CNL |
Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 6.3V; Packaging: Tape & Reel 700 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET 20V N & P-Channel PowerTrench MOSFETs 20V N &P - Channel Power Trench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|