PART |
Description |
Maker |
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
MT58L32L32PT-10T |
32K X 32 CACHE SRAM, 5 ns, PQFP100
|
CYPRESS SEMICONDUCTOR CORP
|
MCM63P531 MCM63P531TQ9R MCM63P531TQ4.5 MCM63P531TQ |
32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM 32K X 32 CACHE SRAM, 7 ns, PQFP100 32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM 32K X 32 CACHE SRAM, 4.5 ns, PQFP100
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
IDT71V432S6PF IDT71V432S5PFI IDT71V432S7PF IDT71V4 |
32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect 32K的32 CacheRAM 3.3同步SRAM的单周期脉冲计数器取 32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect 32K X 32 CACHE SRAM, 5 ns, PQFP100 32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect 32K X 32 CACHE SRAM, 7 ns, PQFP100
|
SRAM Integrated Device Technology, Inc.
|
71V432S8PF8 71V432S8PFG8 |
32K X 32 CACHE SRAM, 8 ns, PQFP100 PLASTIC, TQFP-100
|
Integrated Device Technology, Inc.
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
IDT707278 IDT707278L IDT707278L15PF IDT707278L15PF |
HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS 32K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 Low-Noise JFET-Input Operational Amplifier 8-SOIC 0 to 70 32K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 Low-Noise JFET-Input Operational Amplifier 8-SOIC 0 to 70 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 Low-Noise JFET-Input Operational Amplifier 8-SOIC 0 to 70 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 Dual Low-Noise JFET-Input General-Purpose Operational Amplifier 8-PDIP -40 to 85 高2K的16 BANK-SWITC哈布莱双端口SRAM与外部银行选择 Low-Noise JFET-Input Operational Amplifier 8-PDIP 0 to 70 32K x 16 Asynchronous Bank-Switchable Dual-Port SRAM
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
GS8160F36T-5.5I GS8160F18GT-7.5IT GS8160F18GT-7.5T |
1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 512K X 32 CACHE SRAM, 5.5 ns, PQFP100 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 512K X 32 CACHE SRAM, 6 ns, PQFP100 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 512K X 32 CACHE SRAM, 7.5 ns, PQFP100 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 512K X 32 CACHE SRAM, 6.5 ns, PQFP100 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M X 18 CACHE SRAM, 6 ns, PQFP100 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M X 18 CACHE SRAM, 6.5 ns, PQFP100 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 512K X 36 CACHE SRAM, 7.5 ns, PQFP100 1M X 18 CACHE SRAM, 7 ns, PQFP100 TQFP-100 1M X 18 CACHE SRAM, 7.5 ns, PQFP100 TQFP-100
|
GSI Technology, Inc. http://
|
|