PART |
Description |
Maker |
PBSS5250T PBSS5250T215 |
50 V; 2 A PNP low VCEsat (BISS) transistor; Package: SOT23 (TO-236AB); Container: Tape reel smd 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB 50 V, 2 A PNP low VCEsat (BISS) transistor 50 V 2 A PNP low VCEsat (BISS) transistor
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PBSS4021PT |
20 V, 3.5 A PNP low VCEsat (BISS) transistor 20 V, 3.5 A PNP low V_CEsat (BISS) transistor 3500 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
NXP Semiconductors N.V.
|
PBSS5560PA PBSS5560PA-15 |
60 V, 5 A PNP low V_CEsat (BISS) transistor 5000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 60 V, 5 A PNP low VCEsat (BISS) transistor
|
NXP Semiconductors
|
PBSS5350D |
50 V, 3 A PNP low VCEsat (BISS) transistor 50伏,3安PNP型低饱和压降(BISS)晶体管
|
NXP Semiconductors N.V.
|
2PB1424 2PB1424115 |
20 V, 3 A PNP low VCEsat (BISS) transistor 20伏,3安PNP型低饱和压降(BISS)晶体管
|
NXP Semiconductors N.V. NXP Semiconductors / Philips Semiconductors
|
PBSS305PX115 |
80 V, 4.0 A PNP low VCEsat (BISS) transistor; Package: SOT89 (MPT3; UPAK); Container: Tape reel smd 4000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PCN21B-SC-G PCN21A-110PA-2PF PCN21A-110PA-2PF-G PC |
LED AMBER 624NM CLEAR 4-PLCC SMD DIODE ZNR .35W 5.1V SOT23 SMD XTR PNP MMBT2907 SOT23 T&R DIODE ZNR .35W 5.6V SOT23 SMD TRANSI, PNP, 150V, 500MA, 350MW, SOT23, C2L DIODE,SIGNAL,100V,4148,SOT23 TRANS NPN BT2369 SM TRANSISTOR - CMPT5551, NPN (SMT) Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:2000uF RoHS Compliant: No CAP 6.8UF 16V 10% TANT SMD-3216-18 TR-7 GROMMET LIQUID TIGHT 1.14 HOLE 2mm Hard Metric Connector 2mm的硬公制连接 XTR PNP MMBT2907 SOT23 T&R
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
BDL32 |
PNP BISS-transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
FMMTA92 FMMTA93 FMMTA92TA FMMTA92R |
200 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR PNP High Voltage Transistor
|
ZETEX PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
PBSS5120T-15 |
PNP low VCEsat (BISS) transistor 20 V, 1 A
|
NXP Semiconductors
|
|