PART |
Description |
Maker |
A92-BP |
500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MICRO COMMERCIAL COMPONENTS
|
MPSA42 MPSA43 |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TRANSISTOR 500 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92, PLASTIC PACKAGE-3, BIP General Purpose Small Signal
|
VISHAY SEMICONDUCTORS
|
PZTA92T1G |
High Voltage Transistor; Package: SOT-223 (TO-261) 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 1000 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA
|
Rectron Semiconductor
|
PDTB113ZT215 PDTB113ZT |
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
NXP Semiconductors N.V.
|
R6200230 R6202250 R6201050 R6201850 R6201040 R6200 |
500 A, 400 V, SILICON, RECTIFIER DIODE General Purpose Rectifier (300-500 Amperes Average 2400 Volts) 通用整流器(300-500安培平均2400伏特 300 A, 2200 V, SILICON, RECTIFIER DIODE HERMETIC SEALED PACKAGE-2 300 A, 1200 V, SILICON, RECTIFIER DIODE 300 A, 200 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX INC Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semiconductor...
|
BF420-AP |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
STMICROELECTRONICS
|
PBF259RS |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
MOTOROLA INC
|
PN4249 |
PNP General Purpose Amplifier(PNP通用放大 500 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MPSA63RLRM |
Darlington Transistors PNP Silicon 500 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
ON Semiconductor
|
SF2N4931 2N4931 SF_2N4931 2N4931.MODE1 |
500 mA, 250 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
|
SEMELAB LTD SEME-LAB[Seme LAB]
|
|