PART |
Description |
Maker |
24C02SC 24C01SC/WF 24C02SC/W08 |
串行EEPROM的| 256X8 |CMOS |晶圆 SERIAL EEPROM|128X8|CMOS|WAFER The 24C02SC is a 2K bit Electrically Erasable PROM with bondpad positions optimized for smart card specific applications. The 24C02SC is organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire seria
|
Microchip
|
A29040AL-55 A29040AL-70 A29400UV-70 A2918EWH A2918 |
512K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory Dual full-bridge PWM motor driver
|
AMIC Technology Allegro MicroSystems
|
MX26LV800BXBC-70G MX26LV800TXBC-70G MX26LV800BXBC- |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 16 FLASH 3V PROM, 55 ns, PBGA48
|
Macronix International Co., Ltd. http://
|
A29040 A29040-120 A29040-150 A29040-55 A29040-70 A |
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 128K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only Uniform Sector Flash Memory
|
AMICC[AMIC Technology]
|
29LV800BT-70 29LV800BB-70 29LV800BB-90 29LV800BT-9 |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Macronix International Co., Ltd.
|
MX26LV800ABXBC-55G MX26LV800ABXBC-70G MX26LV800ATX |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 16 FLASH 3V PROM, 55 ns, PDSO48 8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 16 FLASH 3V PROM, 55 ns, PBGA48
|
Macronix International Co., Ltd. http://
|
27C8100-12 |
8M-BIT [1M x8/512K x16] CMOS OTP ROM 800万位[100万x8/512K x16]检察官办公室的CMOS光盘
|
Macronix International Co., Ltd.
|
A29040A A29040A-55 A29040A-70 A29040A-90 A29040AL- |
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only Uniform Sector Flash Memory
|
AMICC[AMIC Technology]
|
LE25FU406B ENA1066A LE25FU406BFN |
CMOS IC 4M-bit (512K×8) Serial Flash Memory 512K X 8 FLASH 2.7V PROM, DSO8
|
Sanyo Semicon Device
|
MX29SL800CTXHC-90 MX29SL800CTXHC-90G MX29SL800CBXH |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY 800万位[1Mx8/512K x16] CMOS单电压仅1.8V的闪
|
Macronix International Co., Ltd. PROM
|
AT27LV040A AT27LV040A-12 AT27LV040A-12JC AT27LV040 |
4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM 512K X 8 OTPROM, 120 ns, PDSO32 High Speed CMOS Triple 2-Channel Analog Multiplexers/Demultiplexers 16-SOIC -55 to 125
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
A29L800AV A29L800A A29L800ATG-70 A29L800ATG-70F A2 |
1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
|
AMICC[AMIC Technology]
|